Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R2000 Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # R2000
Description  Indy® R2000 Reader Chip (IPJ-R2000) Electrical, Mechanical, & Thermal Specification
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

R2000 Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button R2000 Datasheet HTML 5Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 6Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 7Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 8Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 9Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 10Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 11Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 12Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 75 page
background image
Indy® R2000 Electrical, Mechanical, & Thermal Specification
Revision 2.0, Copyright © 2015, Impinj, Inc.
9
3
Pin Listing and Signal Definitions
The R2000 QFN package has 64 pins and one exposed ground paddle (e-pad). They are listed in Table 5.
Table 5: Pin Listing and Signal Definitions
Pin #
Pin Name
Type
Description
1
2
DRM_Ip
DRM_In
Analog Out
Mixer external DRM load, In-Phase (I)
3
Vdd_rx_rf
Power
3.3 V supply for receive RF
4
5
RX_p
RX_n
RF In
Differential receive RF Input
6
7
Atest0
Atest1
Analog
Analog Test Bus
8
9
LO_p
LO_n
RF In
Differential RF input from a high impedance tap on transmit path
10
11
Atest2
Atest3
Analog
Analog Test Bus
12
13
ExtVCO_p
ExtVCO_n
RF In
Differential external VCO input
14
ADC0
Analog In
Voltage input to AUX ADC
15
Vdd_tx_RF
Power
3.3 V supply for transmit RF, except for power amplifier
16
Vdd_tx_pre
Power
1.8 V supply for power amplifier pre-driver
17
Vdd_tx_pa
Power
1.8 V supply for power amplifier
18
ADC1
Analog In
Voltage input to AUX ADC
19
20
PA_p
PA_n
RF Out
Transmit output for all modes
21
Vdd_tx_ana
Power
3.3V supply for transmit analog
22
23
PA_modp
PA_modn
Analog out
Differential output voltage of PA modulator DAC to apply amplitude
modulation to the PA
24
ADC2
Analog In
Voltage input to AUX ADC
25
26
Detector_p
Detector_n
RF In
Differential peak detector input
27
DAC0
Analog Out
Output of AUX DAC
28
DAC1
Analog Out
Output of AUX DAC
29
TEST PIN
DNU
Reserved for Impinj usage. Tie to logic low.
30
CHIP_RESETn
Digital In
Chip reset, logic low.
31
CLK_out
DNU
Test pin. Leave floating.
32
Vdd_dig
Power
1.8 V supply for digital circuitry
33
Vdd_io
Power
3.3V supply for IOs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com