Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R2000 Datasheet(PDF) 64 Page - List of Unclassifed Manufacturers

Part # R2000
Description  Indy® R2000 Reader Chip (IPJ-R2000) Electrical, Mechanical, & Thermal Specification
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

R2000 Datasheet(HTML) 64 Page - List of Unclassifed Manufacturers

Back Button R2000 Datasheet HTML 60Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 61Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 62Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 63Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 64Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 65Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 66Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 67Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 68Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 75 page
background image
Indy® R2000 Electrical, Mechanical, & Thermal Specification
Revision 2.0, Copyright © 2015, Impinj, Inc.
64
Addr.
Name
R/W
Bit
Description
Reset
Type
Comment
445
ANA_PWR_CTRL_
LUT5a
R/W
14:0
Gain dependent settings
for GL 5.
446
ANA_PWR_CTRL_
LUT6a
R/W
14:0
Gain dependent settings
for GL 6.
447
ANA_PWR_CTRL_
LUT7a
R/W
14:0
Gain dependent settings
for
gain level 7 (max power).
448
ANA_PWR_CTRL_
LUT0b
R/W
9:6
5:3
2:0
pa_ssb (reg h415, bits 12:9)
txmix_gain (reg h414), bits
9:7)
txfilt_gain (reg h413, bits 2:0)
Gain dependent settings
for
gain level 0 (min power).
449
ANA_PWR_CTRL_
LUT1b
R/W
9:0
Gain dependent settings
for GL 1.
44A
ANA_PWR_CTRL_
LUT2b
R/W
9:0
Gain dependent settings
for GL 2.
44B
ANA_PWR_CTRL_
LUT3b
R/W
9:0
Gain dependent settings
for GL 3.
44C
ANA_PWR_CTRL_
LUT4b
R/W
9:0
Gain dependent settings
for GL 4.
44D
ANA_PWR_CTRL_
LUT5b
R/W
9:0
Gain dependent settings
for GL 5.
44E
ANA_PWR_CTRL_
LUT6b
R/W
9:0
Gain dependent settings
for GL 6.
44F
ANA_PWR_CTRL_
LUT7b
R/W
9:0
Gain dependent settings
for gain level 7 (max
power).
450
ANA_RX_GAIN_
NORM
R/W
8
7:6
5:3
2:0
rflna_high_comp_norm
rflna_gain_norm
iflna_gain_norm
ifagc_gain_norm
h0000
The rflna_gain setting
generates the following
RF-LNA gains:
0 = 1 dB
2 = 7 dB
3 = 13 dB
The high compression
mode of the RFLNA can
only be combined with the
1 and 7 dB gain settings.
The iflna_gain setting
generates the following IF-
LNA gains:
0 = 24 dB
1 = 18 dB
3 = 12 dB
7 = 6 dB
The ifagc_gain setting
generates the following
AGC gain values:
0 = -12 dB
4 = -6 dB
6 = 0 dB
7 = 6 dB
451
ANA_RX_GAIN_
SJC
R/W
8
7:6
5:3
2:0
rflna_high_comp_sjc
rflna_gain_sjc
iflna_gain_sjc
ifagc_gain_sjc
h0000
Gain settings used during
self-jammer cancellation
setting optimization.
500
DTEST_INPUT
R
1
0
DTEST1
DTEST0
Only updated when the
output is disabled in
register 0x501.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com