Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R2000 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # R2000
Description  Indy® R2000 Reader Chip (IPJ-R2000) Electrical, Mechanical, & Thermal Specification
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

R2000 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  R2000 Datasheet HTML 1Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 2Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 3Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 4Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 5Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 6Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 7Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 8Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 75 page
background image
Indy® R2000 Electrical, Mechanical, & Thermal Specification
Revision 2.0, Copyright © 2015, Impinj, Inc.
4
Figure 8-10: INL and DNL for Auxiliary ADC
71
Figure 8-11: Output Power versus Scalar State
72
Figure 8-12: ADC Count versus Input Voltage
72
Figure 8-13: INL and DNL for Auxiliary ADC
72
Figure 8-14: DAC0 and DAC1 Output Voltage versus Count
73
Figure 8-15: INL and DNL for DAC0(left) and DAC1(right)
73
Figure 8-16: Indy R2000 Reader Chip Package Top View
74
Figure 8-17: Indy R2000 Reader Chip Package Dimensions
74
1.2
Tables
Table 1: Relevant Terminology
5
Table 2: Protocol Specification Documents
7
Table 3: Local Regulation Documents
7
Table 4: Supplemental Documents
7
Table 5: Pin Listing and Signal Definitions
9
Table 6: Absolute Maximum Ratings
11
Table 7: Operating Conditions
11
Table 8: Power Consumption Specifications in Mission Mode (Reading Tags) and Reset
12
Table 9: Indy R2000 Reader Chip
— Receiver Specifications
12
Table 10: Front-End Mixer Gain and IP1dB
13
Table 11: Indy R2000 Reader Chip
— Transmitter Specifications
13
Table 12: Indy R2000 Reader Chip External LO Input
14
Table 13: Indy R2000 Reader Chip Envelope Detectors
14
Table 14: Indy R2000 Reader Chip Synthesizer
14
Table 15: Indy R2000 Reader Chip Clock Output, DACs, and ADCs
15
Table 16: Indy R2000 Reader Chip Digital Interface
15
Table 17: Phase noise versus VCO current
27
Table 18: Indy R2000 Modes
30
Table 19: Pin Functionality per Mode
30
Table 20: Serial Interface Timing Requirements
31
Table 21: Parallel Interface Timing Conditions
32
Table 22: Register Map
32
Table 23: Register Map Type Definition
65
Table 24: Conversion Table
65
Table 25: ISO 18000-63 sensitivity summary
67
Table 10-1: Document Change Log
75



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com