Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R2000 Datasheet(PDF) 44 Page - List of Unclassifed Manufacturers

Part # R2000
Description  Indy® R2000 Reader Chip (IPJ-R2000) Electrical, Mechanical, & Thermal Specification
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

R2000 Datasheet(HTML) 44 Page - List of Unclassifed Manufacturers

Back Button R2000 Datasheet HTML 40Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 41Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 42Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 43Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 44Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 45Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 46Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 47Page - List of Unclassifed Manufacturers R2000 Datasheet HTML 48Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 75 page
background image
Indy® R2000 Electrical, Mechanical, & Thermal Specification
Revision 2.0, Copyright © 2015, Impinj, Inc.
44
Addr.
Name
R/W
Bit
Description
Reset
Type
Comment
11B
DCREM_MO
R/W
7
6
5
4
3
2
1
0
Enable override
(mixer_lc_load)
Enable override
(dcrem_open_dc)
Enable override
(dcrem_short)
Enable override
(dcrem_open)
Override value
(mixer_lc_load)
Override value
(dcrem_open_dc)
Override value (dcrem_short)
Override value (dcrem_open)
h0000
Override register for the
DC removal signals.
11C
MIXER_IFLNA_
INTERF
R/W
15:4
3
2
1:0
dcrem_short pulse width
Not used
Enable external LC mixer
load (mixer_load_select)
Select IF-LNA input path
(dcrem_select)
h0000
The dcrem_short pulse
width is specified in
48 MHz periods. When it is
set to zero no pulse is
generated.
IF-LNA input path:
0,1: External capacitor
2: Internal DC Path
3: Nothing connected.
130
ADC_OD_THRES
R/W
4:0
ADC input overdrive
threshold
h000F
The number of
consecutive samples of
the same value before the
“ADC overdriven” interrupt
is issued.
Specified in 48 MHz clock
cycles.
131
IFLNA_TH_CNT
R/W
15:0
IF LNA too high threshold
hFFFF
IF LNA too high count.
This determines how many
3 MHz clock cycles the too
high signal from the peak
detector needs to be
asserted before asserting
if_lna_too_high.
132
IFLNA_TL_CNT
R/W
15:0
IF LNA too low threshold
hFFFF
IF LNA too low count. This
determines how many
3 MHz clock cycles the too
low signal from the peak
detector needs to be
asserted before asserting
if_lna_too_low.
133
IFLNA_RESET_
CNT
R/W
15:0
IF LNA peak detector reset
interval
h0000
The number of 3 MHz
clock cycles between the
reset pulses to the IF LNA
peak detector.
134
IF_FILT_TH_CNT
R/W
15:0
IF filter too high threshold
hFFFF
IF filter too high count.
This determines how many
3 MHz clock cycles the too
high signal from the peak
detector needs to be
before asserting
if_filt_too_high.
135
IF_FILT_TL_CNT
R/W
15:0
IF filter too low threshold
hFFFF
IF filter too low count. This
determines how many
3 MHz clock cycles the too
low signal from the peak
detector needs to be
before asserting
if_filt_too_low.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com