Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIM800C Datasheet(PDF) 42 Page - SIMCom

Part # SIM800C
Description  Hardware_Design_V1.02
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIMCOM [SIMCom]
Direct Link  https://www.simcom.com
Logo SIMCOM - SIMCom

SIM800C Datasheet(HTML) 42 Page - SIMCom

Back Button SIM800C Datasheet HTML 38Page - SIMCom SIM800C Datasheet HTML 39Page - SIMCom SIM800C Datasheet HTML 40Page - SIMCom SIM800C Datasheet HTML 41Page - SIMCom SIM800C Datasheet HTML 42Page - SIMCom SIM800C Datasheet HTML 43Page - SIMCom SIM800C Datasheet HTML 44Page - SIMCom SIM800C Datasheet HTML 45Page - SIMCom SIM800C Datasheet HTML 46Page - SIMCom Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 52 page
background image
Smart Machine Smart Decision
SIM800C_Hardware_Design_V1.02
42
2015-4-27
1.4
-
-
V
VIH
High-level input voltage
2.4
-
-
V
-
-
0.27
V
VIL
Low-level input voltage
0.4
V
1.62
-
-
V
VOH
High-level output voltage
2.7
-
-
V
-
-
0.36
V
VOL
Low-level output voltage
-
-
0.4
V
6.5
SIM_VDD Characteristics
Table 31: SIM_VDD characteristics
Symbol
Parameter
Min
Typ
Max
Unit
-
3.0
-
VO
Output voltage
-
1.8
-
V
IO
Output current
-
-
10
mA
6.6
VDD_EXT Characteristics
Table 32: VDD_EXT characteristics
Symbol
Parameter
Min
Typ
Max
Unit
VO
Output voltage
2.7
2.8
2.9
V
IO
Output current
-
-
50
mA
6.7
VRTC Characteristics
Table 33: VRTC characteristics
Symbol
Description
Min
Typ
Max
Unit
VRTC-IN
VRTC input voltage
1.2
2.8
3.0
V
IRTC-IN
VRTC input current
-
3.0
5.0
uA
VRTC-OUT
VRTC output voltage
-
2.8
-
V
IRTC-OUT
VRTC output current
-
2.0
mA
6.8
Current Consumption (VBAT=4.0V)
Table 34: Current consumption
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Voltage
4.0
V
Power drop
PCL=5
350
mV
VBAT
Voltage ripple
PCL=5
@ f<200kHz
50
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com