Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIM800C Datasheet(PDF) 26 Page - SIMCom

Part # SIM800C
Description  Hardware_Design_V1.02
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIMCOM [SIMCom]
Direct Link  https://www.simcom.com
Logo SIMCOM - SIMCom

SIM800C Datasheet(HTML) 26 Page - SIMCom

Back Button SIM800C Datasheet HTML 22Page - SIMCom SIM800C Datasheet HTML 23Page - SIMCom SIM800C Datasheet HTML 24Page - SIMCom SIM800C Datasheet HTML 25Page - SIMCom SIM800C Datasheet HTML 26Page - SIMCom SIM800C Datasheet HTML 27Page - SIMCom SIM800C Datasheet HTML 28Page - SIMCom SIM800C Datasheet HTML 29Page - SIMCom SIM800C Datasheet HTML 30Page - SIMCom Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 52 page
background image
Smart Machine Smart Decision
SIM800C_Hardware_Design_V1.02
26
2015-4-27
UA RT1_T X D
UA RT1_RX D
UA R T1_RT S
UA RT1_CT S
UA RT1_DT R
UA RT1_DCD
UA RT1_RI
TX D
RX D
RT S
CT S
DT R
DCD
RIN G
SerialP ort
SerialP ort
Module(D C E )
C ustom er(D T E )
GN D
G N D
Figure 18: Connection of the serial interfaces
If the voltage of UART is 3.3V, the following reference circuits are recommended. If the voltage is 3.0V, please
change the resistors in the following figure from 5.6K to 14K.
1K
5.6K
RX D
TX D
RT S
CT S
GP IO
GP IO
EIN T
DT E
(3.3V )
5.6K
5.6K
1K
1K
1K
1K
1K
1K
Module
UA RT 1_T X D
UA RT 1_RX D
UA RT1_RT S
UA RT1_CT S
UA RT 1_DT R
UA RT1_DCD
UA RT1_RI
GN D
GN D
Figure 19: Resistor matching circuit
If the voltage of UART is 3V or3.3V, the following reference circuits are recommended:
UA RT 1_T X D
RX D
M oduleD T E
TX D
UA R T 1_RX D
V D D _EXT
10K
10K
GN D
GN D
Figure 20 : Diode isolation circuit
Note: please make sure the minimum of client high limit should be less than 2.8V minus the diode drop.
If the voltage of UART is 5V, the following reference circuits are recommended:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com