Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIM800C Datasheet(PDF) 45 Page - SIMCom

Part # SIM800C
Description  Hardware_Design_V1.02
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIMCOM [SIMCom]
Direct Link  https://www.simcom.com
Logo SIMCOM - SIMCom

SIM800C Datasheet(HTML) 45 Page - SIMCom

Back Button SIM800C Datasheet HTML 41Page - SIMCom SIM800C Datasheet HTML 42Page - SIMCom SIM800C Datasheet HTML 43Page - SIMCom SIM800C Datasheet HTML 44Page - SIMCom SIM800C Datasheet HTML 45Page - SIMCom SIM800C Datasheet HTML 46Page - SIMCom SIM800C Datasheet HTML 47Page - SIMCom SIM800C Datasheet HTML 48Page - SIMCom SIM800C Datasheet HTML 49Page - SIMCom Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 52 page
background image
Smart Machine Smart Decision
SIM800C_Hardware_Design_V1.02
45
2015-4-27
4
22
±3
±4
5
20
±3
±4
6
18
±3
±4
7
16
±3
±4
8
14
±3
±4
9
12
±4
±5
10
10
±4
±5
11
8
±4
±5
12
6
±4
±5
13
4
±4
±5
14
2
±5
±6
15
0
±5
±6
6.10.2 Module RF Receive Sensitivity
The following table shows the module’s conducted receiving sensitivity, it is tested under static condition.
Table 38: Conducted RF receive sensitivity
Frequency
Receive sensitivity(Typical)
Receive sensitivity(Max)
GSM850,EGSM900
< -109dBm
< -107dBm
DCS1800,PCS1900
< -109dBm
< -107dBm
6.10.3 Module Operating Frequencies
The following table shows the module’s operating frequency range; it is followed by the 3GPP TS 05.05
technical specification requirement.
Table 39: Operating frequencies
Frequency
Receive
Transmit
GSM850
869 ~ 894MHz
824 ~ 849MHz
EGSM900
925 ~ 960MHz
880 ~ 915MHz
DCS1800
1805 ~ 1880MHz
1710 ~ 1785MHz
PCS1900
1930 ~ 1990MHz
1850 ~ 1910MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com