Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIM800C Datasheet(PDF) 23 Page - SIMCom

Part # SIM800C
Description  Hardware_Design_V1.02
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIMCOM [SIMCom]
Direct Link  https://www.simcom.com
Logo SIMCOM - SIMCom

SIM800C Datasheet(HTML) 23 Page - SIMCom

Back Button SIM800C Datasheet HTML 19Page - SIMCom SIM800C Datasheet HTML 20Page - SIMCom SIM800C Datasheet HTML 21Page - SIMCom SIM800C Datasheet HTML 22Page - SIMCom SIM800C Datasheet HTML 23Page - SIMCom SIM800C Datasheet HTML 24Page - SIMCom SIM800C Datasheet HTML 25Page - SIMCom SIM800C Datasheet HTML 26Page - SIMCom SIM800C Datasheet HTML 27Page - SIMCom Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 52 page
background image
Smart Machine Smart Decision
SIM800C_Hardware_Design_V1.02
23
2015-4-27
4.3.3.
Wake Up SIM800C from Sleep Mode 1
When SIM800C is in sleep mode 1(AT+CSCLK=1), the following methods can wake up the module:
Pull down DTR pin.
The serial port will be active after DTR pin is pulled to low level for about 50ms.
Receive a voice or data call from network.
Receive a SMS from network.
Receive external interrupt.
Note: After module has received incoming call or new SMS, serial port can report URC, but the serial port can
not input AT command. Only after the DTR pin is pulled to low level for 50ms, the serial port can input AT
command.
4.3.4.
Sleep Mode 2 (AT+CSCLK=2)
In this mode, SIM800C will continuously monitor the serial port data signal. When there is no data transfer over 5
seconds on the RXD signal and there is no on air and hardware interrupts (such as GPIO interrupt), SIM800C will
enter sleep mode 2 automatically. In this mode, SIM800C can still receive paging or SMS from network.
4.3.5.
Wake Up SIM800C from Sleep Mode 2
When SIM800C is in sleep mode 2 (AT+CSCLK=2), the following methods can wake up the module:
Send data to SIM800C via main serial port (the first character will lose).
Receive a voice or data call from network.
Receive a SMS from network.
Note: Autobauding is default. It cannot enter sleep mode in the absence of synchronous serial port baud rate
after module power on.
4.4. Power Saving Mode
Current input for RTC when the VBAT is not supplied for the system. Current output for backup battery when
the VBAT power supply is in present and the backup battery is in low voltage state. The RTC power supply of
module can be provided by an external capacitor or a battery (non-chargeable or rechargeable) through the VRTC.
The following figures show various reference circuits for RTC back up.
External capacitor backup
RT C
Core
1.5K
M odule
VR T C
Large-capacitance
C apacitor
Figure 15: RTC supply from capacitor
Non-chargeable battery backup



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com