Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIM800C Datasheet(PDF) 10 Page - SIMCom

Part # SIM800C
Description  Hardware_Design_V1.02
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIMCOM [SIMCom]
Direct Link  https://www.simcom.com
Logo SIMCOM - SIMCom

SIM800C Datasheet(HTML) 10 Page - SIMCom

Back Button SIM800C Datasheet HTML 6Page - SIMCom SIM800C Datasheet HTML 7Page - SIMCom SIM800C Datasheet HTML 8Page - SIMCom SIM800C Datasheet HTML 9Page - SIMCom SIM800C Datasheet HTML 10Page - SIMCom SIM800C Datasheet HTML 11Page - SIMCom SIM800C Datasheet HTML 12Page - SIMCom SIM800C Datasheet HTML 13Page - SIMCom SIM800C Datasheet HTML 14Page - SIMCom Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 52 page
background image
Smart Machine Smart Decision
SIM800C_Hardware_Design_V1.02
10
2015-4-27
search the 4 frequency bands automatically. The frequency bands can also be
set by AT command “AT+CBAND”. For details, please refer to document [1].
Compliant to GSM Phase 2/2+
Transmitting power
Class 4 (2W) at GSM 850 and EGSM 900
Class 1 (1W) at DCS 1800 and PCS 1900
GPRS connectivity
GPRS multi-slot class 12(default)
GPRS multi-slot class 1~12 (option)
Temperature range
Normal operation: -40°C ~ +85°C
Storage temperature -45°C ~ +90°C
Data GPRS
GPRS data downlink transfer: max. 85.6 kbps
GPRS data uplink transfer: max. 85.6 kbps
Coding scheme: CS-1, CS-2, CS-3 and CS-4
PAP protocol for PPP connect
Integrate the TCP/IP protocol.
Support Packet Broadcast Control Channel (PBCCH)
USSD
Unstructured Supplementary Services Data (USSD) support
SMS
MT, MO, CB, Text and PDU mode
SMS storage: SIM card
SIM interface
Support SIM card: 1.8V, 3V
External antenna
Antenna pad
Audio features
Speech codec modes:
Half Rate (ETS 06.20)
Full Rate (ETS 06.10)
Enhanced Full Rate (ETS 06.50 / 06.60 / 06.80)
Adaptive multi rate (AMR)
Echo Cancellation
Noise Suppression
Serial port and
USB port
Serial port:
Default one Full modem serial port
Can be used for AT commands or data stream
Support RTS/CTS hardware handshake and software ON/OFF flow control
Multiplex ability according to GSM 07.10 Multiplexer Protocol
Autobauding supports baud rate from 1200 bps to 115200bps
upgrading firmware
USB port:
USB_DN and USB_DP
Can be used for debugging and upgrading firmware
Phonebook management
Support phonebook types: SM, FD, LD, RC, ON, MC
SIM application toolkit
GSM 11.14 Release 99
Physical characteristics
Size:17.6*15.7*2.3mm
Weight:1.3g
Firmware upgrade
Full modern serial port or USB port(recommend to use USB port)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com