Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIM800C Datasheet(PDF) 27 Page - SIMCom

Part # SIM800C
Description  Hardware_Design_V1.02
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIMCOM [SIMCom]
Direct Link  https://www.simcom.com
Logo SIMCOM - SIMCom

SIM800C Datasheet(HTML) 27 Page - SIMCom

Back Button SIM800C Datasheet HTML 23Page - SIMCom SIM800C Datasheet HTML 24Page - SIMCom SIM800C Datasheet HTML 25Page - SIMCom SIM800C Datasheet HTML 26Page - SIMCom SIM800C Datasheet HTML 27Page - SIMCom SIM800C Datasheet HTML 28Page - SIMCom SIM800C Datasheet HTML 29Page - SIMCom SIM800C Datasheet HTML 30Page - SIMCom SIM800C Datasheet HTML 31Page - SIMCom Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 52 page
background image
Smart Machine Smart Decision
SIM800C_Hardware_Design_V1.02
27
2015-4-27
VD D _EXT
4.7K
47K
UA RT 1_T X D
4.7K
Module
VD D _EXT
RX D
VD D
DT E
Figure 21: TX level matching circuit
VD D _EX T
4.7K
47K
4.7K
DT E
UA RT 1_R X D
M odule
VD D _EXT
TX D
VD D
Figure 22: RX level matching circuit
4.5.3
Debug Interface
SIM800C could achieve software debug function through USB interface. When powering on the module,
connect USB_VBUS, USB_DP, USB_DN, and GND to PC, then install the driver following the prompts, a
UART port could be recognized by PC, customer could achieve the software Debug with this UART port.
SIMCom recommended the following connected diagram:
MO D U LE
US B
US B _D P
US B _ DN
US B _ D N
GN D
GN D
22R
US B _ D P
U S B _VBU S
VBU S
22 R
1uF
Figure 23: USB reference circuit
The TVS on USB data line should be less than 5pF, and traced by differential forms.
Note: please reserve the USB interface or test point for the further debugging
Table 10: USB_VBUS operation voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com