Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIM800C Datasheet(PDF) 34 Page - SIMCom

Part # SIM800C
Description  Hardware_Design_V1.02
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIMCOM [SIMCom]
Direct Link  https://www.simcom.com
Logo SIMCOM - SIMCom

SIM800C Datasheet(HTML) 34 Page - SIMCom

Back Button SIM800C Datasheet HTML 30Page - SIMCom SIM800C Datasheet HTML 31Page - SIMCom SIM800C Datasheet HTML 32Page - SIMCom SIM800C Datasheet HTML 33Page - SIMCom SIM800C Datasheet HTML 34Page - SIMCom SIM800C Datasheet HTML 35Page - SIMCom SIM800C Datasheet HTML 36Page - SIMCom SIM800C Datasheet HTML 37Page - SIMCom SIM800C Datasheet HTML 38Page - SIMCom Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 52 page
background image
Smart Machine Smart Decision
SIM800C_Hardware_Design_V1.02
34
2015-4-27
Figure 33: Amphenol C707 10M006 512 SIM card holder
Table 17: Pin description (Amphenol SIM card holder)
Pin name
Signal
Description
C1
SIM_VDD
SIM card power supply
C2
SIM_RST
SIM card reset
C3
SIM_CLK
SIM card clock
C5
GND
Connect to GND
C6
VPP
Not connect
C7
SIM_DATA
SIM card data I/O
Note: Every time plug SIM card interval advice is greater than 2s. Otherwise may not be able to correct
detection.
4.9. ADC
Table 18: Pin definition of the ADC
SIM800C provides an auxiliary ADC, which can be used to measure the voltage. Customer can use AT command
“AT+CADC” to read the voltage value. For details of this AT command, please refer to document [1].
Pin name
Pin number
Description
ADC
38
Analog voltage input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com