Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIM800C Datasheet(PDF) 37 Page - SIMCom

Part # SIM800C
Description  Hardware_Design_V1.02
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIMCOM [SIMCom]
Direct Link  https://www.simcom.com
Logo SIMCOM - SIMCom

SIM800C Datasheet(HTML) 37 Page - SIMCom

Back Button SIM800C Datasheet HTML 33Page - SIMCom SIM800C Datasheet HTML 34Page - SIMCom SIM800C Datasheet HTML 35Page - SIMCom SIM800C Datasheet HTML 36Page - SIMCom SIM800C Datasheet HTML 37Page - SIMCom SIM800C Datasheet HTML 38Page - SIMCom SIM800C Datasheet HTML 39Page - SIMCom SIM800C Datasheet HTML 40Page - SIMCom SIM800C Datasheet HTML 41Page - SIMCom Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 52 page
background image
Smart Machine Smart Decision
SIM800C_Hardware_Design_V1.02
37
2015-4-27
Pin name
Pin number
Mode 0(default)
Mode 1
RF_SYNC
29
RF Synchronization Signal
JD(RF jamming detection)
Note: About AT+SJDR, please refer to document [1].
4.13. Antenna Interface
There are two antenna interfaces, GSM_ANT and BT_ANT.
The input impendence of the antenna should be 50Ω, and the VSWR should be less than 2.
It is recommended that the GSM antenna and the BT antenna should be placed as far as possible.
The isolations of the two antenna should be bigger than 30dB
NOTE:About the RF trace layout please refer to“AN_SMT Module_RF_Reference Design_Guide”.
4.13.1 GSM Antenna Interface
SIM800C provides a GSM antenna named GSM_ANT, customer could use 50Ω microstrip line or stripline
antenna connect to the module.
It is recommended to reserve the matching circuit as following:
Module
GN D
(P in33)
R F connector
R101
GS M _ A N T
C101
C102
GN D
(P in31)
GS M
Antenna
(P in33)
Figure 36: GSM antenna matching circuit
R101,C101,C102 are the matching circuit, the value should be defined by the antenna design. Normally R101 is
0Ω, C101 and C102 are not mounted.
The RF connector is used for conduction test. If the space between RF pin and antenna is not enough, the
matching circuit should be designed as in the following figure:
M odule
R101
GS M _A N T
C101
C102
GN D
(P in33)
GN D
(P in31)
GS M
Antenna
(P in33)
Figure 37: GSM antenna matching circuit without RF connector



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com