Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIM800C Datasheet(PDF) 35 Page - SIMCom

Part # SIM800C
Description  Hardware_Design_V1.02
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIMCOM [SIMCom]
Direct Link  https://www.simcom.com
Logo SIMCOM - SIMCom

SIM800C Datasheet(HTML) 35 Page - SIMCom

Back Button SIM800C Datasheet HTML 31Page - SIMCom SIM800C Datasheet HTML 32Page - SIMCom SIM800C Datasheet HTML 33Page - SIMCom SIM800C Datasheet HTML 34Page - SIMCom SIM800C Datasheet HTML 35Page - SIMCom SIM800C Datasheet HTML 36Page - SIMCom SIM800C Datasheet HTML 37Page - SIMCom SIM800C Datasheet HTML 38Page - SIMCom SIM800C Datasheet HTML 39Page - SIMCom Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 52 page
background image
Smart Machine Smart Decision
SIM800C_Hardware_Design_V1.02
35
2015-4-27
Table 19: ADC specification
Parameter
Min
Typ
Max
Unit
Voltage range
0
-
2.8
V
ADC Resolution
-
10
-
bits
Sampling rate
-
-
1.0833
MHz
ADC precision
10
30
mV
4.10. Network Status Indication
Table 20: Pin definition of the NETLIGHT
The NETLIGHT pin can be used to drive a network status indication LED. The status of this pin is listed in
following table:
Table 21: Status of the NETLIGHT pin
Status
SIM800C behavior
Off
Powered off
64ms On/ 800ms Off
Not registered the network
64ms On/ 3000ms Off
Registered to the network
64ms On/ 300ms Off
GPRS communication is established
Reference circuit is recommended in the following figure:
M odule
NE T LIG HT
VBAT
4.7K
47K
R
Figure 34: Reference circuit of NETLIGHT
4.10.1. NETLIGHT Multiplexing Function
Table 22: NETLIGHT multiplexing function
Pin name
Pin number
Mode 0(default)
Mode 1
NETLIGHT
41
NETLIGHT
GPIO
Note: Multiplexing function need different software supply.
Pin name
Pin number
Description
NETLIGHT
41
Network Status Indication



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com