Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIM800C Datasheet(PDF) 30 Page - SIMCom

Part # SIM800C
Description  Hardware_Design_V1.02
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIMCOM [SIMCom]
Direct Link  https://www.simcom.com
Logo SIMCOM - SIMCom

SIM800C Datasheet(HTML) 30 Page - SIMCom

Back Button SIM800C Datasheet HTML 26Page - SIMCom SIM800C Datasheet HTML 27Page - SIMCom SIM800C Datasheet HTML 28Page - SIMCom SIM800C Datasheet HTML 29Page - SIMCom SIM800C Datasheet HTML 30Page - SIMCom SIM800C Datasheet HTML 31Page - SIMCom SIM800C Datasheet HTML 32Page - SIMCom SIM800C Datasheet HTML 33Page - SIMCom SIM800C Datasheet HTML 34Page - SIMCom Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 52 page
background image
Smart Machine Smart Decision
SIM800C_Hardware_Design_V1.02
30
2015-4-27
In order to improve audio performance, the following reference circuits are recommended. The audio signals
have to be layout according to differential signal layout rules as shown in following figures.
4.7.1.
Speaker Interfaces Configuration
SP KP
Close to speaker
ES D
ESD
10pF
33pF
33pF
33pF
M odule
S PKN
10pF
10pF
10pF
33pF
33pF
33pF
10pF
10pF
Figure 28: Speaker reference circuit
4.7.2.
Microphone Interfaces Configuration
Electret
Microphone
The lines in bold type should
be accorded to differential
signal layout rules
These components should
be placed to microphone
as close as possible
MIC P
M odule
MIC N
ESD
ESD
10pF
33pF
33pF
33pF
10pF
10pF
Figure 29: Microphone reference circuit
4.7.3.
Audio Electronic Characteristic
Table 13: Microphone input characteristics
Parameter
Min
Typ
Max
Unit
Microphone biasing voltage
-
1.9
2.2
V
Working current
-
-
2.0
mA
Input impedance(differential)
13
20
27
KΩ
Idle channel noise
-
-
-67
dBm0
SINAD
Input level:-40dBm0
29
-
-
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com