Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIM800C Datasheet(PDF) 32 Page - SIMCom

Part # SIM800C
Description  Hardware_Design_V1.02
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIMCOM [SIMCom]
Direct Link  https://www.simcom.com
Logo SIMCOM - SIMCom

SIM800C Datasheet(HTML) 32 Page - SIMCom

Back Button SIM800C Datasheet HTML 28Page - SIMCom SIM800C Datasheet HTML 29Page - SIMCom SIM800C Datasheet HTML 30Page - SIMCom SIM800C Datasheet HTML 31Page - SIMCom SIM800C Datasheet HTML 32Page - SIMCom SIM800C Datasheet HTML 33Page - SIMCom SIM800C Datasheet HTML 34Page - SIMCom SIM800C Datasheet HTML 35Page - SIMCom SIM800C Datasheet HTML 36Page - SIMCom Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 52 page
background image
Smart Machine Smart Decision
SIM800C_Hardware_Design_V1.02
32
2015-4-27
M odule
PR ESEN C E
100nF
M O LE X -91228
SIM Card
22pF
VC C
GN D
RS T
VPP
CLK
I/O
GN D
VD D _EXT
SIM _VD D
SIM _R S T
SIM _C LK
SIM _D A T A
4.7K
ESD A6V 1
SIM _D E T
51Ω
51Ω
51Ω
Figure 30: Reference circuit of the 8-pin SIM card holder
The SIM_DET pin is used for detection of the SIM card hot plug in. Customer can select the 8-pin SIM card
holder to implement SIM card detection function. AT command “AT+CSDT” is used to enable or disable SIM
card detection function. For details of this AT command, please refer to document [1].
If the SIM card detection function is not used, customer can keep the SIM_DET pin open. The reference circuit
of 6-pin SIM card holder is illustrated in the following figure.
Module
SIM C ard
VC C
GN D
RS T
VPP
CLK
I/O
C 707 10M 006 512 2
22pF
100nF
SIM _VD D
SIM _R S T
SIM _C LK
SIM _D A T A
SIM _D E T
ESD A6V1
51Ω
51Ω
51Ω
Figure 31: Reference circuit of the 6-pin SIM card holder
4.8.2.
SIM Card Design Guide
SIM card signal could be interferenced by some high frequency signal, it is strongly recommended to follow
these guidelines while designing:
SIM card holder should be far away from GSM antenna
SIM traces should keep away from RF lines, VBAT and high-speed signal lines
The traces should be as short as possible
Keep SIM card holder’s GND connect to main ground directly
Shielding the SIM card signal by ground well
Recommended to place a 100nF capacitor on SIM_VDD line and keep close to the SIM card holder
Add some TVS which parasitic capacitance should not exceed 50pF
Add 51Ω resistor to (SIM_RST/SIM_CLK/SIM_DATA) signal could enhance ESD protection
4.8.3.
Design Considerations for SIM Card Holder
For 8 pins SIM card holder, SIMCom recommends to use Molex 91228.Customer can visit
http://www.molex.com for more information about the holder.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com