Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIM800C Datasheet(PDF) 21 Page - SIMCom

Part # SIM800C
Description  Hardware_Design_V1.02
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIMCOM [SIMCom]
Direct Link  https://www.simcom.com
Logo SIMCOM - SIMCom

SIM800C Datasheet(HTML) 21 Page - SIMCom

Back Button SIM800C Datasheet HTML 17Page - SIMCom SIM800C Datasheet HTML 18Page - SIMCom SIM800C Datasheet HTML 19Page - SIMCom SIM800C Datasheet HTML 20Page - SIMCom SIM800C Datasheet HTML 21Page - SIMCom SIM800C Datasheet HTML 22Page - SIMCom SIM800C Datasheet HTML 23Page - SIMCom SIM800C Datasheet HTML 24Page - SIMCom SIM800C Datasheet HTML 25Page - SIMCom Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 52 page
background image
Smart Machine Smart Decision
SIM800C_Hardware_Design_V1.02
21
2015-4-27
SIM800C can be powered off by AT command “AT+CPOWD=1”. This procedure makes the module log off from
the network and allows the software to enter into a secure state to save data before completely shut down.
Before the completion of the power off procedure, the module will send URC:
NORMAL POWER OFF
At this moment, AT commands can not be executed any more. Power off mode can also be indicated by STATUS
pin, which is at low level at this time.
For detail about AT command “AT+CPOWD”, please refer to document [1].
4.2.2.3.
Over-Voltage or Under-Voltage Power off
The module software monitors the VBAT voltage constantly.
If the voltage ≤ 3.5V, the following URC will be reported:
UNDER-VOLTAGE WARNNING
If the voltage ≥ 4.3V, the following URC will be reported:
OVER-VOLTAGE WARNNING
If the voltage < 3.4V, the following URC will be reported, and the module will be automatically powered off.
UNDER-VOLTAGE POWER OFF
If the voltage > 4.4V, the following URC will be reported, and the module will be automatically powered off.
OVER-VOLTAGE POWER OFF
At this moment, AT commands can not be executed any more. Power off mode can also be indicated by STATUS
pin, which is at low level at this time.
4.2.2.4.
Over-Temperature or Under-Temperature Power off
The module will constantly monitor the temperature of the module,
If the temperature ≥ +80℃, the following URC will be reported:
+CMTE: 1
If the temperature ≤ -30℃, the following URC will be reported:
+CMTE:-1
If the temperature > +85℃, the following URC will be reported, and the module will be automatically powered
off.
+CMTE: 2
If the temperature < -40℃, the following URC will be reported, and the module will be automatically powered
off.
+CMTE:-2
At this moment, AT commands can not be executed any more. Power off mode can also be indicated by STATUS
pin, which is at low level at this time.
Note:The default temperature detect is disable, AT command “AT+CMTE” could be used to read the
temperature when the module is running.For details please refer to document [1].
4.2.2.5.
Restart SIM800C by PWRKEY Pin:
When the module works normally, if the customer wants to restart the module, follow the procedure below:
1)
Power off the module.
2)
Wait for at least 800ms after STATUS pin changed to low level.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com