Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIM800C Datasheet(PDF) 18 Page - SIMCom

Part # SIM800C
Description  Hardware_Design_V1.02
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIMCOM [SIMCom]
Direct Link  https://www.simcom.com
Logo SIMCOM - SIMCom

SIM800C Datasheet(HTML) 18 Page - SIMCom

Back Button SIM800C Datasheet HTML 14Page - SIMCom SIM800C Datasheet HTML 15Page - SIMCom SIM800C Datasheet HTML 16Page - SIMCom SIM800C Datasheet HTML 17Page - SIMCom SIM800C Datasheet HTML 18Page - SIMCom SIM800C Datasheet HTML 19Page - SIMCom SIM800C Datasheet HTML 20Page - SIMCom SIM800C Datasheet HTML 21Page - SIMCom SIM800C Datasheet HTML 22Page - SIMCom Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 52 page
background image
Smart Machine Smart Decision
SIM800C_Hardware_Design_V1.02
18
2015-4-27
following figure is the reference circuit.
Vin
V out
FB
U101
1
2
3
4
5
LM 2596-A D J
+
100uH
MB R 360
L101
C 101
+ C 102
D 102
C 103
R 102
R 101
F B 101
330uF
VB AT
2.2K
1K
100uF
1uF
C 104
100nF
270
DC input
P W R_CT RL
Ω
O n/O ff
Figure 7: Reference circuit of the DC-DC power supply
The single 3.7V Li-ion cell battery can be connected to SIM800C VBAT pins directly. But the Ni-Cd or Ni-MH
battery must be used carefully, since their maximum voltage can rise over the absolute maximum voltage of the
module and damage it.
When battery is used, the total impedance between battery and VBAT pins should be less than 150mΩ.
The following figure shows the VBAT voltage drop at the maximum power transmit phase, and the test condition
is as following:
VBAT=4.0V,
A VBAT bypass capacitor CA=100µF tantalum capacitor (ESR=0.7Ω),
Another VBAT bypass capacitor CB=1uF~10uF.
577us
4.615m s
B urst:2A
IVBAT
VB AT
M ax:350m V
Figure 8: VBAT voltage drop during transmit burst
4.1.1.
Power Supply Pin
Pin34 and Pin35 are VBAT input, Pin36 and Pin37 are GND of power supply, and VRTC pin is power supply of
the RTC circuit in the module. VDD_EXT output 2.8V when module is in normal operation mode.
When designing the power supply in customers’ application, pay special attention to power losses. Ensure that
the input voltage never drops below 3.0V even when current consumption rises to 2A in the transmit burst. If the
power voltage drops below 3.0V, the module may be shut down automatically. The PCB traces from the VBAT
pins to the power supply must be wide enough (at least 60mil) to decrease voltage drops in the transmit burst.
The power IC and the bypass capacitor should be placed to the module as close as possible.
VBAT
MIN :3.0V
Figure 9: The minimal VBAT voltage requirement at VBAT drop
Note: Hardware power off voltage is 3.0V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com