Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIM800C Datasheet(PDF) 28 Page - SIMCom

Part # SIM800C
Description  Hardware_Design_V1.02
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIMCOM [SIMCom]
Direct Link  https://www.simcom.com
Logo SIMCOM - SIMCom

SIM800C Datasheet(HTML) 28 Page - SIMCom

Back Button SIM800C Datasheet HTML 24Page - SIMCom SIM800C Datasheet HTML 25Page - SIMCom SIM800C Datasheet HTML 26Page - SIMCom SIM800C Datasheet HTML 27Page - SIMCom SIM800C Datasheet HTML 28Page - SIMCom SIM800C Datasheet HTML 29Page - SIMCom SIM800C Datasheet HTML 30Page - SIMCom SIM800C Datasheet HTML 31Page - SIMCom SIM800C Datasheet HTML 32Page - SIMCom Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 52 page
background image
Smart Machine Smart Decision
SIM800C_Hardware_Design_V1.02
28
2015-4-27
Pin
Min
Typ
Max
Unit
USB_VBUS
4.3
5.0
7.0
V
4.5.4
Software Upgrade
Customer could upgrade module’s firmware through USB or UART interface.
If upgrading through USB interface, it is necessary to power on SIM800C first, and then connect USB_VBUS,
USB_DP, USB_DN, and GND to PC. There is no need to operate PWRKEY pin in the whole procedure, when
SIM800C detects USB_VBUS and could communicate normally with USB_DP and USB_DN, it will enter USB
download mode automatically.
If customer upgrades the software through UART interface, it is strongly recommended to lead the UART1_TXD,
UART1_RXD, GND and PWRKEY pin to IO connector for the upgrading, and PWRKEY pin should connect to
GND while upgrading. Refer to the following figure for debugging and upgrading software.
UA R T 1_T X D
M odule(D C E )
UA R T 1_RX D
GN D
PW R K E Y
TX D
RX D
GN D
SerialP ort
PW R K E Y
I/O C onnector
Figure 24: Connection for software upgrading and debugging
The UART interface supports the CMOS level. If customer connects the module to the computer, the level shifter
should be added between the DCE and DTE.
4.6. UART1_RI Behaviors
Table 11: RI behaviors
State
RI response
Standby
High
Voice call
The pin is changed to low. When any of the following events occur, the pin will be changed to
high:
1)Establish the call
2)Hang up the call
SMS
The pin is changed to low, and kept low for 120ms when a SMS is received. Then it is changed
to high.
Others
For more details, please refer to document [2].
The behavior of the RI pin is shown in the following figure when the module is used as a receiver.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com