Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIM800C Datasheet(PDF) 19 Page - SIMCom

Part # SIM800C
Description  Hardware_Design_V1.02
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIMCOM [SIMCom]
Direct Link  https://www.simcom.com
Logo SIMCOM - SIMCom

SIM800C Datasheet(HTML) 19 Page - SIMCom

Back Button SIM800C Datasheet HTML 15Page - SIMCom SIM800C Datasheet HTML 16Page - SIMCom SIM800C Datasheet HTML 17Page - SIMCom SIM800C Datasheet HTML 18Page - SIMCom SIM800C Datasheet HTML 19Page - SIMCom SIM800C Datasheet HTML 20Page - SIMCom SIM800C Datasheet HTML 21Page - SIMCom SIM800C Datasheet HTML 22Page - SIMCom SIM800C Datasheet HTML 23Page - SIMCom Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 52 page
background image
Smart Machine Smart Decision
SIM800C_Hardware_Design_V1.02
19
2015-4-27
4.1.2.
Monitoring Power Supply
AT command “AT+CBC” can be used to monitor the VBAT voltage. For detail, please refer to document [1].
4.2. Power on/off SIM800C
4.2.1.
Power on SIM800C
Customer can power on SIM800C by pulling down the PWRKEY pin for at least 1 second and release. This pin
is already pulled up to VBAT in the module internal, so external pull up is not necessary. Reference circuits are
shown as below.
4.7K
47K
T urn on/off
impulse
P W R KEY
Pow er
on/offlogic
100K
3V
Module
1K
Figure 10: Powered on/down module using transistor
PW R K EY
Pow er
on/offlogic
100K
3V
M odule
1K
Figure 11: Powered on/down module using button
The power on timing is illustrated as in the following figure.
V IL<0.7V
U ndefind
Active
VB AT
PW R K EY
(INP UT )
t>3s
VD D _EXT
ST A T U S
t>1s
SerialP ort
T >1.5s
T>55m s
Figure 12: Timing of power on module



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com