Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIM800C Datasheet(PDF) 38 Page - SIMCom

Part # SIM800C
Description  Hardware_Design_V1.02
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIMCOM [SIMCom]
Direct Link  https://www.simcom.com
Logo SIMCOM - SIMCom

SIM800C Datasheet(HTML) 38 Page - SIMCom

Back Button SIM800C Datasheet HTML 34Page - SIMCom SIM800C Datasheet HTML 35Page - SIMCom SIM800C Datasheet HTML 36Page - SIMCom SIM800C Datasheet HTML 37Page - SIMCom SIM800C Datasheet HTML 38Page - SIMCom SIM800C Datasheet HTML 39Page - SIMCom SIM800C Datasheet HTML 40Page - SIMCom SIM800C Datasheet HTML 41Page - SIMCom SIM800C Datasheet HTML 42Page - SIMCom Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 52 page
background image
Smart Machine Smart Decision
SIM800C_Hardware_Design_V1.02
38
2015-4-27
Normally R101 is 0Ω, C101 and C102 are not mounted.
4.13.2 Bluetooth Antenna Interface
It is recommended to reserve the matching circuit as following:
M odule
R201
BT _A N T
C201
C 202
GN D
(P in21)
GN D
(P in19)
BT
Antenna
(P in20)
Figure 38: Bluetooth antenna matching circuit
R201, C201, C202 are the matching circuit, the value should be defined by the antenna design. Normally R201 is
0R, C202 and C201 are not mounted.
There are some suggestions for placing components and RF trace for GSM_ANT/BT_ANT:
The RF connector is used for conducted test, so keep it as close to pin GSM_ANT as possible;
Antenna matching circuit should be close to the antenna;
Keep the RF traces impedance as 50Ω;
The RF traces should be kept far away from the high frequency signals and strong interference
source.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com