Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIM800C Datasheet(PDF) 11 Page - SIMCom

Part # SIM800C
Description  Hardware_Design_V1.02
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIMCOM [SIMCom]
Direct Link  https://www.simcom.com
Logo SIMCOM - SIMCom

SIM800C Datasheet(HTML) 11 Page - SIMCom

Back Button SIM800C Datasheet HTML 7Page - SIMCom SIM800C Datasheet HTML 8Page - SIMCom SIM800C Datasheet HTML 9Page - SIMCom SIM800C Datasheet HTML 10Page - SIMCom SIM800C Datasheet HTML 11Page - SIMCom SIM800C Datasheet HTML 12Page - SIMCom SIM800C Datasheet HTML 13Page - SIMCom SIM800C Datasheet HTML 14Page - SIMCom SIM800C Datasheet HTML 15Page - SIMCom Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 52 page
background image
Smart Machine Smart Decision
SIM800C_Hardware_Design_V1.02
11
2015-4-27
Table 3: Coding schemes and maximum net data rates over air interface
Coding scheme
1 timeslot
2 timeslot
4 timeslot
CS-1
9.05kbps
18.1kbps
36.2kbps
CS-2
13.4kbps
26.8kbps
53.6kbps
CS-3
15.6kbps
31.2kbps
62.4kbps
CS-4
21.4kbps
42.8kbps
85.6kbps
2.3. Operating Mode
The table below summarizes the various operating modes of SIM800C.
Table 4: Overview of operating modes
Mode
Function
GSM/GPRS
SLEEP
Module will automatically go into sleep mode if the conditions of sleep
mode are enabling and there aren’t on air and hardware interrupt (such as
GPIO interrupt or data on serial port).
In this case, the current consumption of module will reduce to the minimal
level.
In sleep mode, the module can still receive paging message and SMS.
GSM
IDLE
Software is active. Module is registered to the GSM network, and the
module is ready to communicate.
GSM
TALK
Connection between two subscribers is in progress. In this case, the power
consumption depends on network settings such as DTX off/on,
FR/EFR/HR, hopping sequences, antenna.
GPRS
STANDBY
Module is ready for GPRS data transfer, but no data is currently sent or
received. In this case, power consumption depends on network settings and
GPRS configuration.
Normal
operation
GPRS
DATA
There is GPRS data transfer (PPP or TCP or UDP) in progress. In this case,
power consumption is related with network settings (e.g. power control
level); uplink/downlink data rates and GPRS configuration (e.g. used
multi-slot settings).
Power off
Normal power off by sending AT command “AT+CPOWD=1” or using the PWRKEY. The
power management unit shuts down the power supply for the baseband part of the module.
Software is not active. The serial port is not accessible. Power supply (connected to VBAT)
remains applied.
Minimum
functionality
mode
AT command “AT+CFUN” can be used to set the module to a minimum functionality mode
without removing the power supply. In this mode, the RF part of the module will not work
or the SIM card will not be accessible, or both RF part and SIM card will be closed, and the
serial port is still accessible. The power consumption in this mode is lower than normal
mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com