Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIM800C Datasheet(PDF) 43 Page - SIMCom

Part # SIM800C
Description  Hardware_Design_V1.02
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIMCOM [SIMCom]
Direct Link  https://www.simcom.com
Logo SIMCOM - SIMCom

SIM800C Datasheet(HTML) 43 Page - SIMCom

Back Button SIM800C Datasheet HTML 39Page - SIMCom SIM800C Datasheet HTML 40Page - SIMCom SIM800C Datasheet HTML 41Page - SIMCom SIM800C Datasheet HTML 42Page - SIMCom SIM800C Datasheet HTML 43Page - SIMCom SIM800C Datasheet HTML 44Page - SIMCom SIM800C Datasheet HTML 45Page - SIMCom SIM800C Datasheet HTML 46Page - SIMCom SIM800C Datasheet HTML 47Page - SIMCom Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 52 page
background image
Smart Machine Smart Decision
SIM800C_Hardware_Design_V1.02
43
2015-4-27
@ f>200kHzss
2.0
mV
Power off mode
130
150
uA
Sleep mode (AT+CFUN=1):
( BS-PA-MFRMS=9 )
( BS-PA-MFRMS=5)
( BS-PA-MFRMS=2)
0.88
1
1.5
mA
mA
mA
Idle mode (AT+CFUN=1):
GSM850
EGSM900
DCS1800
PCS1900
13.8
13.8
13.8
13.8
mA
mA
mA
mA
Voice call (PCL=5):
GSM850
EGSM900
Voice call (PCL=0):
DCS1800
PCS1900
209
211
126
413
mA
mA
mA
mA
Data mode GPRS (1Rx,4Tx):
GSM850
EGSM900
DCS1800
PCS1900
394
416
271
285
mA
mA
mA
mA
Data mode GPRS (3Rx,2Tx):
GSM850
EGSM900
DCS1800
PCS1900
323
330
212
227
mA
mA
mA
mA
IVBAT
Average currnet
Data mode GPRS (4Rx,1Tx):
GSM850
EGSM900
DCS1800
PCS1900
213
210
150
162
mA
mA
mA
mA
IMAX
Peak current
During Tx burst
2.0
A
Note: In above table the current consumption value is the typical one of the module tested in laboratory. In the
mass production stage, there may be differences among each individual.
6.9
Electro-Static Discharge
SIM800C is an ESD sensitive component, so attention should be paid to the procedure of handling and
packaging. The ESD test results are shown in the following table.
Table 35: The ESD characteristics (Temperature: 25℃, Humidity: 45 %)
Pin name
Contact discharge
Air discharge
VBAT
±5KV
±12KV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com