Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIM800C Datasheet(PDF) 29 Page - SIMCom

Part # SIM800C
Description  Hardware_Design_V1.02
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIMCOM [SIMCom]
Direct Link  https://www.simcom.com
Logo SIMCOM - SIMCom

SIM800C Datasheet(HTML) 29 Page - SIMCom

Back Button SIM800C Datasheet HTML 25Page - SIMCom SIM800C Datasheet HTML 26Page - SIMCom SIM800C Datasheet HTML 27Page - SIMCom SIM800C Datasheet HTML 28Page - SIMCom SIM800C Datasheet HTML 29Page - SIMCom SIM800C Datasheet HTML 30Page - SIMCom SIM800C Datasheet HTML 31Page - SIMCom SIM800C Datasheet HTML 32Page - SIMCom SIM800C Datasheet HTML 33Page - SIMCom Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 52 page
background image
Smart Machine Smart Decision
SIM800C_Hardware_Design_V1.02
29
2015-4-27
HIG H
LO W
IdleR ing
H ang up the call
Establish the call
RI
Figure 25: UART1_RI behaviour of voice calling as a receiver
HIG H
LO W
Idle
RI
120m s
Receive S M S
UR C
Figure 26: UART1_RI behaviour of URC or receive SMS
However, if the module is used as caller, the UART1_RI will remain high. Please refer to the following figure.
HIG H
LO W
Idle
Ring
Establish
the call
H ang up
the call
Idle
RI
Figure 27: UART1_RI behaviour as a caller
4.7. Audio Interfaces
SIM800C provides an analog input (MICP; MICN), which could be used for electret microphone. The module
also provides an analog output (SPKP; SPKN).
Table 12: Audio interface definition
SPKP/SPKN output can directly drive 32Ω receiver.
AT command “AT+CMIC” is used to adjust the input gain level of microphone. AT command “AT+SIDET”
is used to set the side-tone level. In addition, AT command “AT+CLVL” is used to adjust the output gain level.
For more details, please refer to document [1].
Pin name
Pin number
Function
MICP
9
Audio input positive
MICN
10
Audio input negative
SPKP
11
Audio output positive
SPKN
12
Audio output negative



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com