Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIM800C Datasheet(PDF) 22 Page - SIMCom

Part # SIM800C
Description  Hardware_Design_V1.02
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIMCOM [SIMCom]
Direct Link  https://www.simcom.com
Logo SIMCOM - SIMCom

SIM800C Datasheet(HTML) 22 Page - SIMCom

Back Button SIM800C Datasheet HTML 18Page - SIMCom SIM800C Datasheet HTML 19Page - SIMCom SIM800C Datasheet HTML 20Page - SIMCom SIM800C Datasheet HTML 21Page - SIMCom SIM800C Datasheet HTML 22Page - SIMCom SIM800C Datasheet HTML 23Page - SIMCom SIM800C Datasheet HTML 24Page - SIMCom SIM800C Datasheet HTML 25Page - SIMCom SIM800C Datasheet HTML 26Page - SIMCom Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 52 page
background image
Smart Machine Smart Decision
SIM800C_Hardware_Design_V1.02
22
2015-4-27
3)
Power on the module.
PW R KEY
T 2≥2s
ST A T U S
T 3>800m s
1s<T 1<2s
Figure 14: Timing of restart SIM800C
4.3. Power Saving Mode
SIM800C has two power saving modes: Minimum functionality mode and sleep mode. AT command
“AT+CSCLK=1”can be used to set SIM800C into sleep mode. AT command “AT+CFUN=<fun>“can be used to
set SIM800C into minimum functionality. When SIM800C is in sleep mode and minimum functionality mode,
the current of module is lowest.
4.3.1.
Minimum Functionality Mode
There are three functionality modes, which could be set by AT command “AT+CFUN=<fun>“. The command
provides the choice of the functionality levels <fun>=0, 1, 4.
 AT+CFUN=0: Minimum functionality.
 AT+CFUN=1: Full functionality (default).
 AT+CFUN=4: Flight mode (disable RF function).
Table 7: The current consumption of Function Mode
<fun>
Current consumption(mA) (sleep mode)
0
0.6
1
0.88
4
0.65
Minimum functionality mode minimizes the current consumption to the lowest level. If SIM800C is set to
minimum functionality by “AT+CFUN=0”, the RF function and SIM card function will be disabled. In this
case, the serial port is still accessible, but partial AT commands and correlative to RF function and SIM card
function will not be accessible.
For detailed information about AT command “AT+CFUN=<fun>“, please refer to document [1].
4.3.2.
Sleep Mode 1 (AT+CSCLK=1)
Customer can control SIM800C module to enter or exit the sleep mode (AT+CSCLK=1) by DTR signal. When
DTR is in high level and without interrupt (on air and hardware such as GPIO interrupt or data in serial port),
SIM800C will enter sleep mode automatically. In this mode, SIM800C can still receive paging or SMS from
network but the serial port is not accessible.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com