Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIM800C Datasheet(PDF) 9 Page - SIMCom

Part # SIM800C
Description  Hardware_Design_V1.02
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIMCOM [SIMCom]
Direct Link  https://www.simcom.com
Logo SIMCOM - SIMCom

SIM800C Datasheet(HTML) 9 Page - SIMCom

Back Button SIM800C Datasheet HTML 5Page - SIMCom SIM800C Datasheet HTML 6Page - SIMCom SIM800C Datasheet HTML 7Page - SIMCom SIM800C Datasheet HTML 8Page - SIMCom SIM800C Datasheet HTML 9Page - SIMCom SIM800C Datasheet HTML 10Page - SIMCom SIM800C Datasheet HTML 11Page - SIMCom SIM800C Datasheet HTML 12Page - SIMCom SIM800C Datasheet HTML 13Page - SIMCom Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 52 page
background image
Smart Machine Smart Decision
SIM800C_Hardware_Design_V1.02
9
2015-4-27
1. Introduction
This document describes SIM800C hardware interface in great detail. The document can help customer to
quickly understand SIM800C interface specifications, electrical and mechanical details. With the help of this
document and other SIM800C application notes, customer guide, customers can use SIM800C to design various
applications quickly.
2. SIM800C Overview
SIM800C is a quad-band GSM/GPRS module that works on frequencies GSM850MHz, EGSM900MHz,
DCS1800MHz and PCS1900MHz. SIM800C features GPRS multi-slot class10/class12 (optional) and supports
the GPRS coding schemes CS-1, CS-2, CS-3 and CS-4.
With a tiny configuration of 17.6*15.7*2.3mm, SIM800C can meet almost all the space requirements in
customers’ applications, such as smart phone, PDA and other mobile devices.
SIM800C is a SMT package with 42 pads, and provides all hardware interfaces between the module and
customers’ boards.
One 3 lines serial port and one full modem serial port;
One USB, the USB interface can debug, download software;
One audio channel which include a microphone input and a speaker output;
Programmable general purpose input and output;
One SIM card interface;
Support Bluetooth (need software support).
SIM800C is designed with power saving technique so that the current consumption is as low as 0.6mA in sleep
mode.
2.1. SIM800C
Table 1: Module information
SIM800C
GSM
850,900,1800 and 1900MHz
BT
(need software support)
FLASH
SIM800C (24Mbit)
SIM800C32 (32Mbit)
RAM
32Mbit
2.2. SIM800C Key Features
Table 2: SIM800C key features
Feature
Implementation
Power supply
3.4V ~4.4V
Power saving
Typical power consumption in sleep mode is 0.88mA (BS-PA-MFRMS=9 )
Frequency bands
Quad-band: GSM 850, EGSM 900, DCS 1800, PCS 1900. SIM800C can



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com