Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIM800C Datasheet(PDF) 47 Page - SIMCom

Part # SIM800C
Description  Hardware_Design_V1.02
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIMCOM [SIMCom]
Direct Link  https://www.simcom.com
Logo SIMCOM - SIMCom

SIM800C Datasheet(HTML) 47 Page - SIMCom

Back Button SIM800C Datasheet HTML 43Page - SIMCom SIM800C Datasheet HTML 44Page - SIMCom SIM800C Datasheet HTML 45Page - SIMCom SIM800C Datasheet HTML 46Page - SIMCom SIM800C Datasheet HTML 47Page - SIMCom SIM800C Datasheet HTML 48Page - SIMCom SIM800C Datasheet HTML 49Page - SIMCom SIM800C Datasheet HTML 50Page - SIMCom SIM800C Datasheet HTML 51Page - SIMCom Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 52 page
background image
Smart Machine Smart Decision
SIM800C_Hardware_Design_V1.02
47
2015-4-27
7.3. The Moisture Sensitivity Level
The moisture sensitivity level of SIM800C module is 3. The modules should be mounted within 168 hours after
unpacking in the environmental conditions of temperature <30℃ and relative humidity of <60% (RH). It is
necessary to bake the module if the above conditions are not met:
Table 40: Moisture sensitivity level and floor life
Moisture Sensitivity Level
(MSL)
Floor Life (out of bag) at factory ambient≤30°C/60% RH or as stated
1
Unlimited at ≦30℃/85% RH
2
1 year
2a
4 weeks
3
168 hours
4
72 hours
5
48 hours
5a
24 hours
6
Mandatory bake before use. After bake, it must be reflowed within the time limit
specified on the label.
NOTES:
For product handling, storage, processing, IPC / JEDEC J-STD-033 must be followed.
7.4. Baking Requirements
SIM800C modules are vacuum packaged, and guaranteed for 6 months storage without opening or leakage under
the following conditions: the environment temperature is lower than 40℃, and the air humidity is less than 90%.
If the condition meets one of the following ones shown below, the modules should be baked sufficiently before
re-flow soldering, and the baking condition is shown in below table; otherwise the module will be at the risk of
permanent damage during re-flow soldering.
If the vacuum package is broken or leakage;
If the vacuum package is opened after 6 months since it’s been packed;
If the vacuum package is opened within 6 months but out of its Floor Life at factory ambient≦30℃
/60%RH or as stated.
Table 41: Baking requirements
Baking temperature
Moisture
Time
40 ±5
℃℃
<5%
192 hours
120 ±5
℃℃
<5%
6 hours
Note: Care should be taken if that plastic tray is not heat-resistant, the modules should be taken out for
preheating, otherwise the tray may be damaged by high-temperature heating.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com