Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C5131A-RDTIM Datasheet(PDF) 61 Page - ATMEL Corporation

Part # AT89C5131A-RDTIM
Description  8-bit Flash Microcontroller with Full Speed USB Device
PDF  186 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C5131A-RDTIM Datasheet(HTML) 61 Page - ATMEL Corporation

Back Button AT89C5131A-RDTIM Datasheet HTML 57Page - ATMEL Corporation AT89C5131A-RDTIM Datasheet HTML 58Page - ATMEL Corporation AT89C5131A-RDTIM Datasheet HTML 59Page - ATMEL Corporation AT89C5131A-RDTIM Datasheet HTML 60Page - ATMEL Corporation AT89C5131A-RDTIM Datasheet HTML 61Page - ATMEL Corporation AT89C5131A-RDTIM Datasheet HTML 62Page - ATMEL Corporation AT89C5131A-RDTIM Datasheet HTML 63Page - ATMEL Corporation AT89C5131A-RDTIM Datasheet HTML 64Page - ATMEL Corporation AT89C5131A-RDTIM Datasheet HTML 65Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 186 page
background image
61
AT89C5130A/31A-M
4337G–USB–11/06
Table 51.
PCA Module Modes (CCAPMn Registers)
There are two additional registers associated with each of the PCA modules. They are
CCAPnH and CCAPnL and these are the registers that store the 16-bit count when a
capture occurs or a compare should occur. When a module is used in the PWM mode
these registers are used to control the duty cycle of the output (see Table 52 and
Table 53)
ECOMn
CAPPn
CAPNn
MATn
TOGn
PWM
m
ECCF
n
Module Function
0
0
0
0000
No Operation
X
1
0
000
X
16-bit capture by a positive-
edge trigger on CEXn
X
0
1
000
X
16-bit capture by a negative
trigger on CEXn
X
1
1
000
X
16-bit capture by a transition on
CEXn
1
0
0
100
X
16-bit Software Timer/Compare
mode.
1
0
0
1
1
0
X
16-bit High Speed Output
1
0
0
0010
8-bit PWM
10
0
1
X
0
X
Watchdog Timer (module 4
only)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com