Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C5131A-RDTIM Datasheet(PDF) 73 Page - ATMEL Corporation

Part # AT89C5131A-RDTIM
Description  8-bit Flash Microcontroller with Full Speed USB Device
PDF  186 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C5131A-RDTIM Datasheet(HTML) 73 Page - ATMEL Corporation

Back Button AT89C5131A-RDTIM Datasheet HTML 69Page - ATMEL Corporation AT89C5131A-RDTIM Datasheet HTML 70Page - ATMEL Corporation AT89C5131A-RDTIM Datasheet HTML 71Page - ATMEL Corporation AT89C5131A-RDTIM Datasheet HTML 72Page - ATMEL Corporation AT89C5131A-RDTIM Datasheet HTML 73Page - ATMEL Corporation AT89C5131A-RDTIM Datasheet HTML 74Page - ATMEL Corporation AT89C5131A-RDTIM Datasheet HTML 75Page - ATMEL Corporation AT89C5131A-RDTIM Datasheet HTML 76Page - ATMEL Corporation AT89C5131A-RDTIM Datasheet HTML 77Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 186 page
background image
73
AT89C5130A/31A-M
4337G–USB–11/06
Example of computed value when X2 = 1, SMOD1 = 1, SPD = 1
Example of computed value when X2 = 0, SMOD1 = 0, SPD = 0
The baud rate generator can be used for mode 1 or 3 (refer to Figure 37.), but also for
mode 0 for UART, thanks to the bit SRC located in BDRCON register (Table 59.)
UART Registers
SADEN - Slave Address Mask Register for UART (B9h)
Reset Value = 0000 0000b
SADDR - Slave Address Register for UART (A9h)
Reset Value = 0000 0000b
SBUF - Serial Buffer Register for UART (99h)
Reset Value = XXXX XXXXb
Baud Rates
F
OSC = 16.384 MHz
F
OSC = 24 MHz
BRL
Error (%)
BRL
Error (%)
115200
247
1.23
243
0.16
57600
238
1.23
230
0.16
38400
229
1.23
217
0.16
28800
220
1.23
204
0.16
19200
203
0.63
178
0.16
9600
149
0.31
100
0.16
4800
43
1.23
-
-
Baud Rates
F
OSC = 16.384 MHz
F
OSC = 24 MHz
BRL
Error (%)
BRL
Error (%)
4800
247
1.23
243
0.16
2400
238
1.23
230
0.16
1200
220
1.23
202
3.55
600
185
0.16
152
0.16
7
6
5
4
3
2
1
0
–
–
–
–
–
–
–
–
7
6
5
4
3
2
1
0
–
–
–
–
–
–
–
–
7
6
5
4
3
2
1
0
–
–
–
–
–
–
–
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com