Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C5131A-RDTIM Datasheet(PDF) 31 Page - ATMEL Corporation

Part # AT89C5131A-RDTIM
Description  8-bit Flash Microcontroller with Full Speed USB Device
PDF  186 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C5131A-RDTIM Datasheet(HTML) 31 Page - ATMEL Corporation

Back Button AT89C5131A-RDTIM Datasheet HTML 27Page - ATMEL Corporation AT89C5131A-RDTIM Datasheet HTML 28Page - ATMEL Corporation AT89C5131A-RDTIM Datasheet HTML 29Page - ATMEL Corporation AT89C5131A-RDTIM Datasheet HTML 30Page - ATMEL Corporation AT89C5131A-RDTIM Datasheet HTML 31Page - ATMEL Corporation AT89C5131A-RDTIM Datasheet HTML 32Page - ATMEL Corporation AT89C5131A-RDTIM Datasheet HTML 33Page - ATMEL Corporation AT89C5131A-RDTIM Datasheet HTML 34Page - ATMEL Corporation AT89C5131A-RDTIM Datasheet HTML 35Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 186 page
background image
31
AT89C5130A/31A-M
4337G–USB–11/06
The other memory spaces (user, extra row, hardware security) are made accessible in
the code segment by programming bits FMOD0 and FMOD1 in FCON register in accor-
dance with Table 34. A MOVC instruction is then used for reading these spaces.
Table 34.
FM0 Blocks Select Bits
Launching Programming
FPL3:0 bits in FCON register are used to secure the launch of programming. A specific
sequence must be written in these bits to unlock the write protection and to launch the
programming. This sequence is 5 followed by A. Table 35 summarizes the memory
spaces to program according to FMOD1:0 bits.
Table 35.
Programming Spaces
The Flash memory enters a busy state as soon as programming is launched. In this
state, the memory is not available for fetching code. Thus to avoid any erratic execution
during programming, the CPU enters Idle mode. Exit is automatically performed at the
end of programming.
Note:
Interrupts that may occur during programming time must be disabled to avoid any spuri-
ous exit of the idle mode.
Status of the Flash Memory
The bit FBUSY in FCON register is used to indicate the status of programming.
FBUSY is set when programming is in progress.
Selecting FM0/FM1
The bit ENBOOT in AUXR1 register is used to choose between FM0 and FM1 mapped
up to F800h.
FMOD1
FMOD0
FM0 Adressable Space
0
0
User (0000h-FFFFh)
0
1
Extra Row(FF80h-FFFFh)
1
0
Hardware Security (0000h)
1
1
reserved
Write to FCON
Operation
FPL3:0
FPS
FMOD1
FMOD0
User
5
X
0
0
No action
AX
0
0
Write the column latches in user
space
Extra Row
5
X
0
1
No action
AX
0
1
Write the column latches in extra row
space
Security
Space
5
X
1
0
No action
A
X
1
0
Write the fuse bits space
Reserved
5
X
1
1
No action
A
X
1
1
No action



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com