Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C5131A-RDTIM Datasheet(PDF) 21 Page - ATMEL Corporation

Part # AT89C5131A-RDTIM
Description  8-bit Flash Microcontroller with Full Speed USB Device
PDF  186 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C5131A-RDTIM Datasheet(HTML) 21 Page - ATMEL Corporation

Back Button AT89C5131A-RDTIM Datasheet HTML 17Page - ATMEL Corporation AT89C5131A-RDTIM Datasheet HTML 18Page - ATMEL Corporation AT89C5131A-RDTIM Datasheet HTML 19Page - ATMEL Corporation AT89C5131A-RDTIM Datasheet HTML 20Page - ATMEL Corporation AT89C5131A-RDTIM Datasheet HTML 21Page - ATMEL Corporation AT89C5131A-RDTIM Datasheet HTML 22Page - ATMEL Corporation AT89C5131A-RDTIM Datasheet HTML 23Page - ATMEL Corporation AT89C5131A-RDTIM Datasheet HTML 24Page - ATMEL Corporation AT89C5131A-RDTIM Datasheet HTML 25Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 186 page
background image
21
AT89C5130A/31A-M
4337G–USB–11/06
The Special Function Registers (SFRs) of the AT89C5131 fall into the following
categories:
Table 19.
C51 Core SFRs
Table 20.
I/O Port SFRs
Mnemonic
Add
Name
765
43210
ACC
E0h
Accumulator
B
F0h
B Register
PSW
D0h
Program Status
Word
SP
81h
Stack Pointer
LSB of SPX
DPL
82h
Data Pointer
Low byte
LSB of DPTR
DPH
83h
Data Pointer
High byte
MSB of DPTR
Mnemonic
Add
Name
765
43210
P0
80h
Port 0
P1
90h
Port 1
P2
A0h
Port 2
P3
B0h
Port 3
P4
C0h
Port 4 (2bits)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com