Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C5131A-RDTIM Datasheet(PDF) 39 Page - ATMEL Corporation

Part # AT89C5131A-RDTIM
Description  8-bit Flash Microcontroller with Full Speed USB Device
PDF  186 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C5131A-RDTIM Datasheet(HTML) 39 Page - ATMEL Corporation

Back Button AT89C5131A-RDTIM Datasheet HTML 35Page - ATMEL Corporation AT89C5131A-RDTIM Datasheet HTML 36Page - ATMEL Corporation AT89C5131A-RDTIM Datasheet HTML 37Page - ATMEL Corporation AT89C5131A-RDTIM Datasheet HTML 38Page - ATMEL Corporation AT89C5131A-RDTIM Datasheet HTML 39Page - ATMEL Corporation AT89C5131A-RDTIM Datasheet HTML 40Page - ATMEL Corporation AT89C5131A-RDTIM Datasheet HTML 41Page - ATMEL Corporation AT89C5131A-RDTIM Datasheet HTML 42Page - ATMEL Corporation AT89C5131A-RDTIM Datasheet HTML 43Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 186 page
background image
39
AT89C5130A/31A-M
4337G–USB–11/06
Table 38.
Program Lock bits
Notes: 1. U: unprogrammed or “one” level.
2. P: programmed or “zero” level.
3. X: don’t care
4. WARNING: Security level 2 and 3 should only be programmed after verification.
These security bits protect the code access through the parallel programming interface.
They are set by default to level 4. The code access through the ISP is still possible and
is controlled by the “software security bits” which are stored in the extra Flash memory
accessed by the ISP firmware.
To load a new application with the parallel programmer, a chip erase must be done first.
This will set the HSB in its inactive state and will erase the Flash memory. The part ref-
erence can always be read using Flash parallel programming modes.
Default Values
The default value of the HSB provides parts ready to be programmed with ISP:
•
BLJB: Cleared to force ISP operation.
•
X2: Set to force X1 mode (Standard Mode)
•
OSCON1-0: Set to start with 32 MHz oscillator configuration value.
•
LB2-0: Security level four to protect the code from a parallel access with maximum
security.
Software Registers
Several registers are used, in factory and by parallel programmers, to make copies of
hardware registers contents. These values are used by Atmel ISP (see Section “In-Sys-
tem Programming (ISP)”).
These registers are in the “Extra Flash Memory” part of the Flash memory. This block is
also called ”XAF” or eXtra Array Flash. They are accessed in the following ways:
•
Commands issued by the parallel memory programmer.
•
Commands issued by the ISP software.
•
Calls of API issued by the application software.
Several software registers are described in Table 39.
Program Lock Bits
Protection Description
Security level
LB0
LB1
LB2
1
U
U
U
No program lock features enabled.
2P
U
U
MOVC instruction executed from external
program memory is disabled from fetching code
bytes from any internal memory, EA is sampled
and latched on reset, and further parallel
programming of the Flash and of the EEPROM
(boot and Xdata) is disabled. ISP and software
programming with API are still allowed.
3X
P
U
Same as 2, also verify through parallel
programming interface is disabled and serial
programming ISP is still allowed.
4
X
X
P
Same as 3, also external execution is disabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com