Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C5131A-RDTIM Datasheet(PDF) 32 Page - ATMEL Corporation

Part # AT89C5131A-RDTIM
Description  8-bit Flash Microcontroller with Full Speed USB Device
PDF  186 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C5131A-RDTIM Datasheet(HTML) 32 Page - ATMEL Corporation

Back Button AT89C5131A-RDTIM Datasheet HTML 28Page - ATMEL Corporation AT89C5131A-RDTIM Datasheet HTML 29Page - ATMEL Corporation AT89C5131A-RDTIM Datasheet HTML 30Page - ATMEL Corporation AT89C5131A-RDTIM Datasheet HTML 31Page - ATMEL Corporation AT89C5131A-RDTIM Datasheet HTML 32Page - ATMEL Corporation AT89C5131A-RDTIM Datasheet HTML 33Page - ATMEL Corporation AT89C5131A-RDTIM Datasheet HTML 34Page - ATMEL Corporation AT89C5131A-RDTIM Datasheet HTML 35Page - ATMEL Corporation AT89C5131A-RDTIM Datasheet HTML 36Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 186 page
background image
32
AT89C5130A/31A-M
4337G–USB–11/06
Loading the Column Latches
Any number of data from 1 byte to 128 bytes can be loaded in the column latches. This
provides the capability to program the whole memory by byte, by page or by any number
of bytes in a page.
When programming is launched, an automatic erase of the locations loaded in the col-
umn latches is first performed, then programming is effectively done. Thus, no page or
block erase is needed and only the loaded data are programmed in the corresponding
page.
The following procedure is used to load the column latches and is summarized in
Figure 17:
•
Map the column latch space by setting FPS bit.
•
Load the DPTR with the address to load.
•
Load Accumulator register with the data to load.
•
Execute the MOVX @DPTR, A instruction.
•
If needed loop the three last instructions until the page is completely loaded.
Figure 17.
Column Latches Loading Procedure
Programming the Flash Spaces
User
The following procedure is used to program the User space and is summarized in
Figure 18:
•
Load data in the column latches from address 0000h to 7FFFh(1).
•
Disable the interrupts.
•
Launch the programming by writing the data sequence 50h followed by A0h in
FCON register.
The end of the programming indicated by the FBUSY flag cleared.
•
Enable the interrupts.
Note:
1. The last page address used when loading the column latch is the one used to select
the page programming address.
Column Latches
Loading
Data Load
DPTR = Address
ACC = Data
Exec: MOVX @DPTR, A
Last Byte
to load?
Column Latches Mapping
FPS = 1
Data memory Mapping
FPS = 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com