Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C5131A-RDTIM Datasheet(PDF) 26 Page - ATMEL Corporation

Part # AT89C5131A-RDTIM
Description  8-bit Flash Microcontroller with Full Speed USB Device
PDF  186 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C5131A-RDTIM Datasheet(HTML) 26 Page - ATMEL Corporation

Back Button AT89C5131A-RDTIM Datasheet HTML 22Page - ATMEL Corporation AT89C5131A-RDTIM Datasheet HTML 23Page - ATMEL Corporation AT89C5131A-RDTIM Datasheet HTML 24Page - ATMEL Corporation AT89C5131A-RDTIM Datasheet HTML 25Page - ATMEL Corporation AT89C5131A-RDTIM Datasheet HTML 26Page - ATMEL Corporation AT89C5131A-RDTIM Datasheet HTML 27Page - ATMEL Corporation AT89C5131A-RDTIM Datasheet HTML 28Page - ATMEL Corporation AT89C5131A-RDTIM Datasheet HTML 29Page - ATMEL Corporation AT89C5131A-RDTIM Datasheet HTML 30Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 186 page
background image
26
AT89C5130A/31A-M
4337G–USB–11/06
Dual Data Pointer
Register
The additional data pointer can be used to speed up code execution and reduce code
size.
The dual DPTR structure is a way by which the chip will specify the address of an exter-
nal data memory location. There are two 16-bit DPTR registers that address the external
memory, and a single bit called DPS = AUXR1.0 (see Table 32) that allows the program
code to switch between them (see Figure 12).
Figure 12.
Use of Dual Pointer
Table 32.
AUXR1 Register
AUXR1- Auxiliary Register 1(0A2h)
Reset Value = XX[BLJB]X X0X0b
Not bit addressable
a. Bit 2 stuck at 0; this allows to use INC AUXR1 to toggle DPS without changing GF3.
External Data Memory
AUXR1(A2H)
DPS
DPH(83H) DPL(82H)
0
7
DPTR0
DPTR1
765
43210
-
-
ENBOOT
-
GF3
0
-
DPS
Bit
Number
Bit
Mnemonic
Description
7-
Reserved
The value read from this bit is indeterminate. Do not set this bit.
6-
Reserved
The value read from this bit is indeterminate. Do not set this bit.
5
ENBOOT
Enable Boot Flash
Cleared to disable boot ROM.
Set to map the boot ROM between F800h - 0FFFFh.
4-
Reserved
The value read from this bit is indeterminate. Do not set this bit.
3
GF3
This bit is a general-purpose user flag.
2
0
Always cleared.
1-
Reserved
The value read from this bit is indeterminate. Do not set this bit.
0DPS
Data Pointer Selection
Cleared to select DPTR0.
Set to select DPTR1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com