Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C5131A-RDTIM Datasheet(PDF) 43 Page - ATMEL Corporation

Part # AT89C5131A-RDTIM
Description  8-bit Flash Microcontroller with Full Speed USB Device
PDF  186 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C5131A-RDTIM Datasheet(HTML) 43 Page - ATMEL Corporation

Back Button AT89C5131A-RDTIM Datasheet HTML 39Page - ATMEL Corporation AT89C5131A-RDTIM Datasheet HTML 40Page - ATMEL Corporation AT89C5131A-RDTIM Datasheet HTML 41Page - ATMEL Corporation AT89C5131A-RDTIM Datasheet HTML 42Page - ATMEL Corporation AT89C5131A-RDTIM Datasheet HTML 43Page - ATMEL Corporation AT89C5131A-RDTIM Datasheet HTML 44Page - ATMEL Corporation AT89C5131A-RDTIM Datasheet HTML 45Page - ATMEL Corporation AT89C5131A-RDTIM Datasheet HTML 46Page - ATMEL Corporation AT89C5131A-RDTIM Datasheet HTML 47Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 186 page
background image
43
AT89C5130A/31A-M
4337G–USB–11/06
Registers
Reset Value = XXXX XX00b
Not bit addressable
Table 42.
EECON (S:0D2h)
EECON Register
7654
3210
EEPL3
EEPL2
EEPL1
EEPL0
-
-
EEE
EEBUSY
Bit Number
Bit
Mnemonic
Description
7-4
EEPL3-0
Programming Launch command bits
Write 5Xh followed by AXh to EEPL to launch the programming.
3-
Reserved
The value read from this bit is indeterminate. Do not set this bit.
2-
Reserved
The value read from this bit is indeterminate. Do not set this bit.
1EEE
Enable EEPROM Space bit
Set to map the EEPROM space during MOVX instructions (Write in the column
latches)
Clear to map the ERAM space during MOVX.
0EEBUSY
Programming Busy flag
Set by hardware when programming is in progress.
Cleared by hardware when programming is done.
Cannot be set or cleared by software.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com