Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C5131A-RDTIM Datasheet(PDF) 46 Page - ATMEL Corporation

Part # AT89C5131A-RDTIM
Description  8-bit Flash Microcontroller with Full Speed USB Device
PDF  186 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C5131A-RDTIM Datasheet(HTML) 46 Page - ATMEL Corporation

Back Button AT89C5131A-RDTIM Datasheet HTML 42Page - ATMEL Corporation AT89C5131A-RDTIM Datasheet HTML 43Page - ATMEL Corporation AT89C5131A-RDTIM Datasheet HTML 44Page - ATMEL Corporation AT89C5131A-RDTIM Datasheet HTML 45Page - ATMEL Corporation AT89C5131A-RDTIM Datasheet HTML 46Page - ATMEL Corporation AT89C5131A-RDTIM Datasheet HTML 47Page - ATMEL Corporation AT89C5131A-RDTIM Datasheet HTML 48Page - ATMEL Corporation AT89C5131A-RDTIM Datasheet HTML 49Page - ATMEL Corporation AT89C5131A-RDTIM Datasheet HTML 50Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 186 page
background image
46
AT89C5130A/31A-M
4337G–USB–11/06
Application-
Programming-Interface
Several Application Program Interface (API) calls are available for use by an application
program to permit selective erasing and programming of Flash pages. All calls are made
by functions.
All these APIs are described in detail in the following document on the Atmel web site.
Datasheet Bootloader USB AT89C5131.
XROW Bytes
The EXTRA ROW (XROW) includes 128 bytes. Some of these bytes are used for spe-
cific purpose in conjonction with the bootloader.
Table 43.
XROW Mapping
Hardware Conditions
It is possible to force the controller to execute the bootloader after a Reset with hard-
ware conditions. Depending on the product type (low pin count or high pin count
package), there are two methods to apply the hardware conditions.
High Pin Count Hardware
Conditions (PLCC52, QFP64)
For high pin count packages, the hardware conditons (EA = 1, PSEN = 0) are sampled
during the RESET rising edge to force the on-chip bootloader execution (See Figure 82
on page 172). In this way the bootloader can be carried out regardless of the user Flash
memory content.
As PSEN is an output port in normal operating mode (running user application or boot-
loader code) after reset, it is recommended to release PSEN after rising edge of reset
signal.
To ensure correct microcontroller startup, the PSEN pin should not be tied to ground
during power-on, see Figure 24.
Figure 24.
Hardware conditions typical sequence during power-on.
Description
Default Value
Address
Copy of the Manufacturer Code
58h
30h
Copy of the Device ID#1: Family code
D7h
31h
Copy of the Device ID#2: Memories size and type
BBh
60h
Copy of the Device ID#3: Name and Revision
FFh
61h
VCC
PSEN
RST



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com