Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C5131A-RDTIM Datasheet(PDF) 10 Page - ATMEL Corporation

Part # AT89C5131A-RDTIM
Description  8-bit Flash Microcontroller with Full Speed USB Device
PDF  186 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C5131A-RDTIM Datasheet(HTML) 10 Page - ATMEL Corporation

Back Button AT89C5131A-RDTIM Datasheet HTML 6Page - ATMEL Corporation AT89C5131A-RDTIM Datasheet HTML 7Page - ATMEL Corporation AT89C5131A-RDTIM Datasheet HTML 8Page - ATMEL Corporation AT89C5131A-RDTIM Datasheet HTML 9Page - ATMEL Corporation AT89C5131A-RDTIM Datasheet HTML 10Page - ATMEL Corporation AT89C5131A-RDTIM Datasheet HTML 11Page - ATMEL Corporation AT89C5131A-RDTIM Datasheet HTML 12Page - ATMEL Corporation AT89C5131A-RDTIM Datasheet HTML 13Page - ATMEL Corporation AT89C5131A-RDTIM Datasheet HTML 14Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 186 page
background image
10
AT89C5130A/31A-M
4337G–USB–11/06
Table 10.
USB Signal Description
Table 11.
System Signal Description
Signal
Name
Type
Description
Alternate
Function
D+
I/O
USB Data + signal
Set to high level under reset.
-
D-
I/O
USB Data - signal
Set to low level under reset.
-
VREF
O
USB Reference Voltage
Connect this pin to D+ using a 1.5 k
Ω resistor to use the Detach function.
-
Signal
Name
Type
Description
Alternate
Function
AD[7:0]
I/O
Multiplexed Address/Data LSB for external access
Data LSB for Slave port access (used for 8-bit and 16-bit modes)
P0[7:0]
A[15:8]
I/O
Address Bus MSB for external access
P2[7:0]
RD
I/O
Read Signal
Read signal asserted during external data memory read operation.
Control input for slave port read access cycles.
P3.7
WR
I/O
Write Signal
Write signal asserted during external data memory write operation.
Control input for slave write access cycles.
P3.6
RST
O
Reset Input
Holding this pin low for 64 oscillator periods while the oscillator is running
resets the device. The Port pins are driven to their reset conditions when a
voltage lower than VIL is applied, whether or not the oscillator is running.
This pin has an internal pull-up resistor which allows the device to be reset
by connecting a capacitor between this pin and VSS.
Asserting RST when the chip is in Idle mode or Power-down mode returns
the chip to normal operation.
This pin is tied to 0 for at least 12 oscillator periods when an internal reset
occurs ( hardware watchdog or power monitor).
-
ALE
O
Address Latch Enable Output
The falling edge of ALE strobes the address into external latch. This signal
is active only when reading or writing external memory using MOVX
instructions.
-
PSEN
I/O
Program Strobe Enable / Hardware conditions Input for ISP
Used as input under reset to detect external hardware conditions of ISP
mode.
-
EA
I
External Access Enable
This pin must be held low to force the device to fetch code from external
program memory starting at address 0000h.
-
Table 12.
Power Signal Description
Signal
Name
Type
Description
Alternate
Function
AVSS
GND
Analog Ground
AVSS is used to supply the on-chip PLL and the USB PAD.
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com