Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C5131A-RDTIM Datasheet(PDF) 50 Page - ATMEL Corporation

Part # AT89C5131A-RDTIM
Description  8-bit Flash Microcontroller with Full Speed USB Device
PDF  186 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C5131A-RDTIM Datasheet(HTML) 50 Page - ATMEL Corporation

Back Button AT89C5131A-RDTIM Datasheet HTML 46Page - ATMEL Corporation AT89C5131A-RDTIM Datasheet HTML 47Page - ATMEL Corporation AT89C5131A-RDTIM Datasheet HTML 48Page - ATMEL Corporation AT89C5131A-RDTIM Datasheet HTML 49Page - ATMEL Corporation AT89C5131A-RDTIM Datasheet HTML 50Page - ATMEL Corporation AT89C5131A-RDTIM Datasheet HTML 51Page - ATMEL Corporation AT89C5131A-RDTIM Datasheet HTML 52Page - ATMEL Corporation AT89C5131A-RDTIM Datasheet HTML 53Page - ATMEL Corporation AT89C5131A-RDTIM Datasheet HTML 54Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 186 page
background image
50
AT89C5130A/31A-M
4337G–USB–11/06
Reset Value = 0X0X 1100b
Not bit addressable
Table 45.
AUXR Register
AUXR - Auxiliary Register (8Eh)
7654
3210
DPU
-
M0
-
XRS1
XRS0
EXTRAM
AO
Bit
Number
Bit
Mnemonic
Description
7DPU
Disable Weak Pull Up
Cleared to enabled weak pull up on standard Ports.
Set to disable weak pull up on standard Ports.
6-
Reserved
The value read from this bit is indeterminate. Do not set this bit
5M0
Pulse length
Cleared to stretch MOVX control: the RD and the WR pulse length is 6 clock
periods (default).
Set to stretch MOVX control: the RD and the WR pulse length is 30 clock
periods.
4-
Reserved
The value read from this bit is indeterminate. Do not set this bit
3XRS1
ERAM Size
XRS1XRS0
ERAM size
0
0
256 bytes
0
1
512 bytes
1
0
768 bytes
1
1
1024 bytes (default)
2XRS0
1EXTRAM
EXTRAM bit
Cleared to access internal ERAM using MOVX at Ri at DPTR.
Set to access external memory.
0AO
ALE Output bit
Cleared, ALE is emitted at a constant rate of 1/6 the oscillator frequency (or
1/3 if X2 mode is used) (default).
Set, ALE is active only when a MOVX or MOVC instruction is used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com