Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C5131A-RDTIM Datasheet(PDF) 83 Page - ATMEL Corporation

Part # AT89C5131A-RDTIM
Description  8-bit Flash Microcontroller with Full Speed USB Device
PDF  186 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C5131A-RDTIM Datasheet(HTML) 83 Page - ATMEL Corporation

Back Button AT89C5131A-RDTIM Datasheet HTML 79Page - ATMEL Corporation AT89C5131A-RDTIM Datasheet HTML 80Page - ATMEL Corporation AT89C5131A-RDTIM Datasheet HTML 81Page - ATMEL Corporation AT89C5131A-RDTIM Datasheet HTML 82Page - ATMEL Corporation AT89C5131A-RDTIM Datasheet HTML 83Page - ATMEL Corporation AT89C5131A-RDTIM Datasheet HTML 84Page - ATMEL Corporation AT89C5131A-RDTIM Datasheet HTML 85Page - ATMEL Corporation AT89C5131A-RDTIM Datasheet HTML 86Page - ATMEL Corporation AT89C5131A-RDTIM Datasheet HTML 87Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 186 page
background image
83
AT89C5130A/31A-M
4337G–USB–11/06
Table 65.
IPL1 Register
IPL1 - Interrupt Priority Register (B2h)
Reset Value = X0XX X000b
Not bit addressable
7
6
5
4
3
2
1
0
-
PUSBL
-
-
-
PSPIL
PTWIL
PKBDL
Bit
Number
Bit
Mnemonic
Description
7-
Reserved
The value read from this bit is indeterminate. Do not set this bit.
6PUSBL
USB Interrupt Priority bit
Refer to PUSBH for priority level.
5-
Reserved
The value read from this bit is indeterminate. Do not set this bit.
4-
Reserved
The value read from this bit is indeterminate. Do not set this bit.
3-
Reserved
The value read from this bit is indeterminate. Do not set this bit.
2PSPIL
SPI Interrupt Priority bit
Refer to PSPIH for priority level.
1PTWIL
TWI Interrupt Priority bit
Refer to PTWIH for priority level.
0PKBL
Keyboard Interrupt Priority bit
Refer to PKBH for priority level.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com