Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C5131A-RDTIM Datasheet(PDF) 74 Page - ATMEL Corporation

Part # AT89C5131A-RDTIM
Description  8-bit Flash Microcontroller with Full Speed USB Device
PDF  186 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C5131A-RDTIM Datasheet(HTML) 74 Page - ATMEL Corporation

Back Button AT89C5131A-RDTIM Datasheet HTML 70Page - ATMEL Corporation AT89C5131A-RDTIM Datasheet HTML 71Page - ATMEL Corporation AT89C5131A-RDTIM Datasheet HTML 72Page - ATMEL Corporation AT89C5131A-RDTIM Datasheet HTML 73Page - ATMEL Corporation AT89C5131A-RDTIM Datasheet HTML 74Page - ATMEL Corporation AT89C5131A-RDTIM Datasheet HTML 75Page - ATMEL Corporation AT89C5131A-RDTIM Datasheet HTML 76Page - ATMEL Corporation AT89C5131A-RDTIM Datasheet HTML 77Page - ATMEL Corporation AT89C5131A-RDTIM Datasheet HTML 78Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 186 page
background image
74
AT89C5130A/31A-M
4337G–USB–11/06
BRL - Baud Rate Reload Register for the internal baud rate generator, UART (9Ah)
Reset Value = 0000 0000b
Table 57.
T2CON Register
T2CON - Timer 2 Control Register (C8h)
Reset Value = 0000 0000b
Bit addressable
7
6
5
4
3
2
1
0
–
–
–
–
–
–
–
–
7
6
5
4
3
2
1
0
TF2
EXF2
RCLK
TCLK
EXEN2
TR2
C/T2#
CP/RL2#
Bit
Number
Bit
Mnemonic
Description
7
TF2
Timer 2 overflow Flag
Must be cleared by software.
Set by hardware on Timer 2 overflow, if RCLK = 0 and TCLK = 0.
6EXF2
Timer 2 External Flag
Set when a capture or a reload is caused by a negative transition on T2EX pin if
EXEN2 = 1.
When set, causes the CPU to vector to Timer 2 interrupt routine when Timer 2
interrupt is enabled.
Must be cleared by software. EXF2 doesn’t cause an interrupt in Up/down
counter mode (DCEN = 1)
5
RCLK
Receive Clock bit for UART
Cleared to use Timer 1 overflow as receive clock for serial port in mode 1 or 3.
Set to use Timer 2 overflow as receive clock for serial port in mode 1 or 3.
4TCLK
Transmit Clock bit for UART
Cleared to use Timer 1 overflow as transmit clock for serial port in mode 1 or 3.
Set to use Timer 2 overflow as transmit clock for serial port in mode 1 or 3.
3EXEN2
Timer 2 External Enable bit
Cleared to ignore events on T2EX pin for Timer 2 operation.
Set to cause a capture or reload when a negative transition on T2EX pin is
detected, if Timer 2 is not used to clock the serial port.
2TR2
Timer 2 Run control bit
Cleared to turn off Timer 2.
Set to turn on Timer 2.
1C/T2#
Timer/Counter 2 select bit
Cleared for timer operation (input from internal clock system: FCLK PERIPH).
Set for counter operation (input from T2 input pin, falling edge trigger). Must be 0
for clock out mode.
0
CP/RL2#
Timer 2 Capture/Reload bit
If RCLK = 1 or TCLK = 1, CP/RL2# is ignored and timer is forced to Auto-reload
on Timer 2 overflow.
Cleared to Auto-reload on Timer 2 overflows or negative transitions on T2EX pin
if EXEN2 = 1.
Set to capture on negative transitions on T2EX pin if EXEN2 = 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com