Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C5131A-RDTIM Datasheet(PDF) 28 Page - ATMEL Corporation

Part # AT89C5131A-RDTIM
Description  8-bit Flash Microcontroller with Full Speed USB Device
PDF  186 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C5131A-RDTIM Datasheet(HTML) 28 Page - ATMEL Corporation

Back Button AT89C5131A-RDTIM Datasheet HTML 24Page - ATMEL Corporation AT89C5131A-RDTIM Datasheet HTML 25Page - ATMEL Corporation AT89C5131A-RDTIM Datasheet HTML 26Page - ATMEL Corporation AT89C5131A-RDTIM Datasheet HTML 27Page - ATMEL Corporation AT89C5131A-RDTIM Datasheet HTML 28Page - ATMEL Corporation AT89C5131A-RDTIM Datasheet HTML 29Page - ATMEL Corporation AT89C5131A-RDTIM Datasheet HTML 30Page - ATMEL Corporation AT89C5131A-RDTIM Datasheet HTML 31Page - ATMEL Corporation AT89C5131A-RDTIM Datasheet HTML 32Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 186 page
background image
28
AT89C5130A/31A-M
4337G–USB–11/06
Program/Code
Memory
The AT89C5130A/31A-M implement 16/ 32 Kbytes of on-chip program/code memory.
Figure 13 shows the split of internal and external program/code memory spaces
depending on the product.
The Flash memory increases EPROM and ROM functionality by in-circuit electrical era-
sure and programming. Thanks to the internal charge pump, the high voltage needed for
programming or erasing Flash cells is generated on-chip using the standard VDD volt-
age. Thus, the Flash Memory can be programmed using only one voltage and allows In-
application Software Programming commonly known as IAP. Hardware programming
mode is also available using specific programming tool.
Figure 13.
Program/Code Memory Organization
Note:
If the program executes exclusively from on-chip code memory (not from external mem-
ory), beware of executing code from the upper byte of on-chip memory (3FFFh/7FFFh)
and thereby disrupting I/O Ports 0 and 2 due to external prefetch. Fetching code constant
from this location does not affect Ports 0 and 2.
External Code Memory
Access
Memory Interface
The external memory interface comprises the external bus (Port 0 and Port 2) as well as
the bus control signals (PSEN, and ALE).
Figure 14 shows the structure of the external address bus. P0 carries address A7:0
while P2 carries address A15:8. Data D7:0 is multiplexed with A7:0 on P0. Table 33
describes the external memory interface signals.
Figure 14.
External Code Memory Interface Structure
0000h
32 Kbytes
7FFFh
Flash
32 Kbytes
External Code
FFFFh
AT89C5131A
8000h
0000h
16 Kbytes
3FFFh
Flash
48 Kbytes
External Code
FFFFh
AT89C5130A
4000h
Flash
EPROM
AT89C5130A
AT89C5131
P2
P0
AD7:0
A15:8
A7:0
A15:8
D7:0
A7:0
ALE
Latch
OE
PSEN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com