Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C5131A-RDTIM Datasheet(PDF) 33 Page - ATMEL Corporation

Part # AT89C5131A-RDTIM
Description  8-bit Flash Microcontroller with Full Speed USB Device
PDF  186 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C5131A-RDTIM Datasheet(HTML) 33 Page - ATMEL Corporation

Back Button AT89C5131A-RDTIM Datasheet HTML 29Page - ATMEL Corporation AT89C5131A-RDTIM Datasheet HTML 30Page - ATMEL Corporation AT89C5131A-RDTIM Datasheet HTML 31Page - ATMEL Corporation AT89C5131A-RDTIM Datasheet HTML 32Page - ATMEL Corporation AT89C5131A-RDTIM Datasheet HTML 33Page - ATMEL Corporation AT89C5131A-RDTIM Datasheet HTML 34Page - ATMEL Corporation AT89C5131A-RDTIM Datasheet HTML 35Page - ATMEL Corporation AT89C5131A-RDTIM Datasheet HTML 36Page - ATMEL Corporation AT89C5131A-RDTIM Datasheet HTML 37Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 186 page
background image
33
AT89C5130A/31A-M
4337G–USB–11/06
Extra Row
The following procedure is used to program the Extra Row space and is summarized in
Figure 18:
Load data in the column latches from address FF80h to FFFFh.
Disable the interrupts.
Launch the programming by writing the data sequence 52h followed by A2h in
FCON register.
The end of the programming indicated by the FBUSY flag cleared.
Enable the interrupts.
Figure 18.
Flash and Extra Row Programming Procedure
Flash Spaces
Programming
Disable IT
EA = 0
Launch Programming
FCON = 5xh
FCON = Axh
End Programming
Enable IT
EA = 1
Column Latches Loading
see Figure 17
FBusy
Cleared?
Erase Mode
FCON = 00h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com