Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C5131A-RDTIM Datasheet(PDF) 38 Page - ATMEL Corporation

Part # AT89C5131A-RDTIM
Description  8-bit Flash Microcontroller with Full Speed USB Device
PDF  186 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C5131A-RDTIM Datasheet(HTML) 38 Page - ATMEL Corporation

Back Button AT89C5131A-RDTIM Datasheet HTML 34Page - ATMEL Corporation AT89C5131A-RDTIM Datasheet HTML 35Page - ATMEL Corporation AT89C5131A-RDTIM Datasheet HTML 36Page - ATMEL Corporation AT89C5131A-RDTIM Datasheet HTML 37Page - ATMEL Corporation AT89C5131A-RDTIM Datasheet HTML 38Page - ATMEL Corporation AT89C5131A-RDTIM Datasheet HTML 39Page - ATMEL Corporation AT89C5131A-RDTIM Datasheet HTML 40Page - ATMEL Corporation AT89C5131A-RDTIM Datasheet HTML 41Page - ATMEL Corporation AT89C5131A-RDTIM Datasheet HTML 42Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 186 page
background image
38
AT89C5130A/31A-M
4337G–USB–11/06
Flash Registers and
Memory Map
The AT89C5130A/31A-M Flash memory uses several registers:
•
Hardware register can be accessed with a parallel programmer.Some bits of the
hardware register can be changed, also, by API (i.e. X2 and BLJB bits of Hardware
security Byte) or ISP.
•
Software registers are in a special page of the Flash memory which can be
accessed through the API or with the parallel programming modes. This page,
called “Extra Flash Memory”, is not in the internal Flash program memory
addressing space.
Hardware Registers
The only hardware register of the AT89C5130A/31A-M is called Hardware Security Byte
(HSB).
Bootloader Jump Bit (BLJB)
One bit of the HSB, the BLJB bit, is used to force the boot address:
•
When this bit is set the boot address is 0000h.
•
When this bit is reset the boot address is F400h. By default, this bit is cleared and
the ISP is enabled.
Flash Memory Lock Bits
The three lock bits provide different levels of protection for the on-chip code and data,
when programmed as shown in Table 38.
Table 37.
Hardware Security Byte (HSB)
7654
3210
X2
BLJB
OSCON1
OSCON0
-
LB2
LB1
LB0
Bit
Number
Bit
Mnemonic
Description
7X2
X2 Mode
Cleared to force X2 mode (6 clocks per instruction)
Set to force X1 mode, Standard Mode (Default).
6BLJB
Bootloader Jump Bit
Set this bit to start the user’s application on next reset at address 0000h.
Cleared this bit to start the bootloader at address F400h (default).
5-4
OSCON1-0
Oscillator Control Bits
These two bits are used to control the oscillator in order to reduce consumption.
OSCON1 OSCON0 Description
1
1 The oscillator is configured to run from 0 to 32 MHz
1
0 The oscillator is configured to run from 0 to 16 MHz
0
1 The oscillator is configured to run from 0 to 8 MHz
0
0 This configuration shouldn’t be set
3-
Reserved
2-0
LB2-0
User Memory Lock Bits
See Table 38



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com