Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C5131A-RDTIM Datasheet(PDF) 29 Page - ATMEL Corporation

Part # AT89C5131A-RDTIM
Description  8-bit Flash Microcontroller with Full Speed USB Device
PDF  186 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C5131A-RDTIM Datasheet(HTML) 29 Page - ATMEL Corporation

Back Button AT89C5131A-RDTIM Datasheet HTML 25Page - ATMEL Corporation AT89C5131A-RDTIM Datasheet HTML 26Page - ATMEL Corporation AT89C5131A-RDTIM Datasheet HTML 27Page - ATMEL Corporation AT89C5131A-RDTIM Datasheet HTML 28Page - ATMEL Corporation AT89C5131A-RDTIM Datasheet HTML 29Page - ATMEL Corporation AT89C5131A-RDTIM Datasheet HTML 30Page - ATMEL Corporation AT89C5131A-RDTIM Datasheet HTML 31Page - ATMEL Corporation AT89C5131A-RDTIM Datasheet HTML 32Page - ATMEL Corporation AT89C5131A-RDTIM Datasheet HTML 33Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 186 page
background image
29
AT89C5130A/31A-M
4337G–USB–11/06
Table 33.
External Data Memory Interface Signals
External Bus Cycles
This section describes the bus cycles the AT89C5130A/31A-M executes to fetch code
(see Figure 15) in the external program/code memory.
External memory cycle takes 6 CPU clock periods. This is equivalent to 12 oscillator
clock periods in standard mode or 6 oscillator clock periods in X2 mode. For further
information on X2 mode (see the clock Section).
For simplicity, the accompanying figure depicts the bus cycle waveforms in idealized
form and do not provide precise timing information.
Figure 15.
External Code Fetch Waveforms
Flash Memory
Architecture
AT89C5130A/31A-M features two on-chip Flash memories:
•Flash memory FM0:
containing 32 Kbytes of program memory (user space) organized into 128-byte
pages,
•Flash memory FM1:
3 Kbytes for bootloader and Application Programming Interfaces (API).
The FM0 supports both parallel programming and Serial In-System Programming (ISP)
whereas FM1 supports only parallel programming by programmers. The ISP mode is
detailed in the “In-System Programming” section.
All Read/Write access operations on Flash memory by user application are managed by
a set of API described in the “In-System Programming” section.
Signal
Name
Type
Description
Alternate
Function
A15:8
O
Address Lines
Upper address lines for the external bus.
P2.7:0
AD7:0
I/O
Address/Data Lines
Multiplexed lower address lines and data for the external memory.
P0.7:0
ALE
O
Address Latch Enable
ALE signals indicates that valid address information are available on lines
AD7:0.
-
PSEN
O
Program Store Enable Output
This signal is active low during external code fetch or external code read
(MOVC instruction).
-
ALE
P0
P2
PSEN
PCL
PCH
PCH
PCL
D7:0
D7:0
PCH
D7:0
CPU Clock



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com