Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C5131A-RDTIM Datasheet(PDF) 8 Page - ATMEL Corporation

Part # AT89C5131A-RDTIM
Description  8-bit Flash Microcontroller with Full Speed USB Device
PDF  186 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C5131A-RDTIM Datasheet(HTML) 8 Page - ATMEL Corporation

Back Button AT89C5131A-RDTIM Datasheet HTML 4Page - ATMEL Corporation AT89C5131A-RDTIM Datasheet HTML 5Page - ATMEL Corporation AT89C5131A-RDTIM Datasheet HTML 6Page - ATMEL Corporation AT89C5131A-RDTIM Datasheet HTML 7Page - ATMEL Corporation AT89C5131A-RDTIM Datasheet HTML 8Page - ATMEL Corporation AT89C5131A-RDTIM Datasheet HTML 9Page - ATMEL Corporation AT89C5131A-RDTIM Datasheet HTML 10Page - ATMEL Corporation AT89C5131A-RDTIM Datasheet HTML 11Page - ATMEL Corporation AT89C5131A-RDTIM Datasheet HTML 12Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 186 page
background image
8
AT89C5130A/31A-M
4337G–USB–11/06
Table 5.
LED Signal Description
Table 6.
TWI Signal Description
Table 7.
SPI Signal Description
T0
I
Timer Counter 0 External Clock Input
When Timer 0 operates as a counter, a falling edge on the T0 pin
increments the count.
P3.4
T1
I
Timer/Counter 1 External Clock Input
When Timer 1 operates as a counter, a falling edge on the T1 pin
increments the count.
P3.5
T2
I
O
Timer/Counter 2 External Clock Input
Timer/Counter 2 Clock Output
P1.0
T2EX
I
Timer/Counter 2 Reload/Capture/Direction Control Input
P1.1
Signal
Name
Type
Description
Alternate
Function
LED[3:0]
O
Direct Drive LED Output
These pins can be directly connected to the Cathode of standard LEDs
without external current limiting resistors. The typical current of each
output can be programmed by software to 2, 6 or 10 mA. Several outputs
can be connected together to get higher drive capabilities.
P3.3
P3.5
P3.6
P3.7
Signal
Name
Type
Description
Alternate
Function
SCL
I/O
SCL: TWI Serial Clock
SCL output the serial clock to slave peripherals.
SCL input the serial clock from master.
P4.0
SDA
I/O
SDA: TWI Serial Data
SCL is the bidirectional TWI data line.
P4.1
Signal
Name
Type
Description
Alternate
Function
SS
I/O
SS:
SPI Slave Select
P1.1
MISO
I/O
MISO:
SPI Master Input Slave Output line
When SPI is in master mode, MISO receives data from the slave
peripheral. When SPI is in slave mode, MISO outputs data to the master
controller.
P1.5
SCK
I/O
SCK:
SPI Serial Clock
SCK outputs clock to the slave peripheral or receive clock from the master
P1.6
MOSI
I/O
MOSI:
SPI Master Output Slave Input line
When SPI is in master mode, MOSI outputs data to the slave peripheral.
When SPI is in slave mode, MOSI receives data from the master controller
P1.7
Table 4.
Timer 0, Timer 1 and Timer 2 Signal Description (Continued)
Signal
Name
Type
Description
Alternate
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com