Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C5131A-RDTIM Datasheet(PDF) 30 Page - ATMEL Corporation

Part # AT89C5131A-RDTIM
Description  8-bit Flash Microcontroller with Full Speed USB Device
PDF  186 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C5131A-RDTIM Datasheet(HTML) 30 Page - ATMEL Corporation

Back Button AT89C5131A-RDTIM Datasheet HTML 26Page - ATMEL Corporation AT89C5131A-RDTIM Datasheet HTML 27Page - ATMEL Corporation AT89C5131A-RDTIM Datasheet HTML 28Page - ATMEL Corporation AT89C5131A-RDTIM Datasheet HTML 29Page - ATMEL Corporation AT89C5131A-RDTIM Datasheet HTML 30Page - ATMEL Corporation AT89C5131A-RDTIM Datasheet HTML 31Page - ATMEL Corporation AT89C5131A-RDTIM Datasheet HTML 32Page - ATMEL Corporation AT89C5131A-RDTIM Datasheet HTML 33Page - ATMEL Corporation AT89C5131A-RDTIM Datasheet HTML 34Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 186 page
background image
30
AT89C5130A/31A-M
4337G–USB–11/06
Figure 16.
Flash Memory Architecture
FM0 Memory Architecture
The Flash memory is made up of 4 blocks (see Figure 16):
1. The memory array (user space) 32 Kbytes
2. The Extra Row
3. The Hardware security bits
4. The column latch registers
User Space
This space is composed of a 16/32 Kbytes Flash memory organized in 128/256 pages
of 128 bytes. It contains the user’s application code.
Extra Row (XRow)
This row is a part of FM0 and has a size of 128 bytes. The extra row contains informa-
tion for bootloader usage (see Table 39.Software Registers, page 40)
Hardware Security Space
The hardware security space is a part of FM0 and has a size of 1 byte.
The 4 MSB can be read/written by software. The 4 LSB can only be read by software
and written by hardware in parallel mode.
Column Latches
The column latches, also part of FM0, have a size of full page (128 bytes).
The column latches are the entrance buffers of the three previous memory locations
(user array, XRow and Hardware security byte).
Overview of FM0
Operations
The CPU interfaces to the Flash memory through the FCON register and AUXR1
register.
These registers are used to:
Map the memory spaces in the adressable space
Launch the programming of the memory spaces
Get the status of the Flash memory (busy/not busy)
Select the Flash memory FM0/FM1.
Mapping of the Memory Space
By default, the user space is accessed by MOVC instruction for read only. The column
latches space is made accessible by setting the FPS bit in FCON register. Writing is
possible from 0000h to 3FFFH/7FFFh, address bits 6 to 0 are used to select an address
within a page while bits 14 to 7 are used to select the programming address of the page.
Setting this bit takes precedence on the EXTRAM bit in AUXR register.
7FFFh for
16/32 KB
Flash Memory
FM0
0000h
Hardware Security (1 Byte)
Column Latches (128 Bytes)
User Space
Extra Row (128 Bytes)
3 Kbytes
Flash Memory
FM1
Boot Space
FFFFh
F400h
FM1 mapped between FFFFh and
F400h when bit ENBOOT is set in
AUXR1 register
3FFFh for
AT89C5131A
for 32 KB
AT89C5130A
for 16 KB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com