Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C5131A-RDTIM Datasheet(PDF) 36 Page - ATMEL Corporation

Part # AT89C5131A-RDTIM
Description  8-bit Flash Microcontroller with Full Speed USB Device
PDF  186 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C5131A-RDTIM Datasheet(HTML) 36 Page - ATMEL Corporation

Back Button AT89C5131A-RDTIM Datasheet HTML 32Page - ATMEL Corporation AT89C5131A-RDTIM Datasheet HTML 33Page - ATMEL Corporation AT89C5131A-RDTIM Datasheet HTML 34Page - ATMEL Corporation AT89C5131A-RDTIM Datasheet HTML 35Page - ATMEL Corporation AT89C5131A-RDTIM Datasheet HTML 36Page - ATMEL Corporation AT89C5131A-RDTIM Datasheet HTML 37Page - ATMEL Corporation AT89C5131A-RDTIM Datasheet HTML 38Page - ATMEL Corporation AT89C5131A-RDTIM Datasheet HTML 39Page - ATMEL Corporation AT89C5131A-RDTIM Datasheet HTML 40Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 186 page
background image
36
AT89C5130A/31A-M
4337G–USB–11/06
Registers
Table 36.
FCON (S:D1h)
Flash Control Register
Reset Value = 0000 0000b
765
43210
FPL3
FPL2
FPL1
FPL0
FPS
FMOD1
FMOD0
FBUSY
Bit Number
Bit
Mnemonic Description
7-4
FPL3:0
Programming Launch Command Bits
Write 5Xh followed by AXh to launch the programming according to FMOD1:0.
(see Table 35.)
3FPS
Flash Map Program Space
Set to map the column latch space in the data memory space.
Clear to re-map the data memory space.
2-1
FMOD1:0
Flash Mode
See Table 34 or Table 35.
0FBUSY
Flash Busy
Set by hardware when programming is in progress.
Clear by hardware when programming is done.
Can not be cleared by software.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com