Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C5131A-RDTIM Datasheet(PDF) 99 Page - ATMEL Corporation

Part # AT89C5131A-RDTIM
Description  8-bit Flash Microcontroller with Full Speed USB Device
PDF  186 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C5131A-RDTIM Datasheet(HTML) 99 Page - ATMEL Corporation

Back Button AT89C5131A-RDTIM Datasheet HTML 95Page - ATMEL Corporation AT89C5131A-RDTIM Datasheet HTML 96Page - ATMEL Corporation AT89C5131A-RDTIM Datasheet HTML 97Page - ATMEL Corporation AT89C5131A-RDTIM Datasheet HTML 98Page - ATMEL Corporation AT89C5131A-RDTIM Datasheet HTML 99Page - ATMEL Corporation AT89C5131A-RDTIM Datasheet HTML 100Page - ATMEL Corporation AT89C5131A-RDTIM Datasheet HTML 101Page - ATMEL Corporation AT89C5131A-RDTIM Datasheet HTML 102Page - ATMEL Corporation AT89C5131A-RDTIM Datasheet HTML 103Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 186 page
background image
99
AT89C5130A/31A-M
4337G–USB–11/06
Reset Value = 00X0 XXXXb
Not Bit addressable
Serial Peripheral Data Register
(SPDAT)
The Serial Peripheral Data Register (Table 76) is a read/write buffer for the receive data
register. A write to SPDAT places data directly into the shift register. No transmit buffer is
available in this model.
A Read of the SPDAT returns the value located in the receive buffer and not the content
of the shift register.
Table 76.
SPDAT Register
SPDAT - Serial Peripheral Data Register (0C5H)
Reset Value = Indeterminate
R7:R0: Receive data bits
SPCON, SPSTA and SPDAT registers may be read and written at any time while there
is no on-going exchange. However, special care should be taken when writing to them
while a transmission is on-going:
Do not change SPR2, SPR1 and SPR0
Do not change CPHA and CPOL
Do not change MSTR
Clearing SPEN would immediately disable the peripheral
Writing to the SPDAT will cause an overflow
2-
Reserved
The value read from this bit is indeterminate. Do not set this bit
1-
Reserved
The value read from this bit is indeterminate. Do not set this bit.
0-
Reserved
The value read from this bit is indeterminate. Do not set this bit.
Bit
Number
Bit
Mnemonic Description
7654
3210
R7
R6
R5
R4
R3
R2
R1
R0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com