Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C5131A-RDTIM Datasheet(PDF) 37 Page - ATMEL Corporation

Part # AT89C5131A-RDTIM
Description  8-bit Flash Microcontroller with Full Speed USB Device
PDF  186 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C5131A-RDTIM Datasheet(HTML) 37 Page - ATMEL Corporation

Back Button AT89C5131A-RDTIM Datasheet HTML 33Page - ATMEL Corporation AT89C5131A-RDTIM Datasheet HTML 34Page - ATMEL Corporation AT89C5131A-RDTIM Datasheet HTML 35Page - ATMEL Corporation AT89C5131A-RDTIM Datasheet HTML 36Page - ATMEL Corporation AT89C5131A-RDTIM Datasheet HTML 37Page - ATMEL Corporation AT89C5131A-RDTIM Datasheet HTML 38Page - ATMEL Corporation AT89C5131A-RDTIM Datasheet HTML 39Page - ATMEL Corporation AT89C5131A-RDTIM Datasheet HTML 40Page - ATMEL Corporation AT89C5131A-RDTIM Datasheet HTML 41Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 186 page
background image
37
AT89C5130A/31A-M
4337G–USB–11/06
Flash EEPROM Memory
General Description
The Flash memory increases EPROM functionality with in-circuit electrical erasure and
programming. It contains 16/32 Kbytes of program memory organized in 128/256 pages
of 128 bytes, respectively. This memory is both parallel and serial In-System Program-
mable (ISP). ISP allows devices to alter their own program memory in the actual end
product under software control. A default serial loader (bootloader) program allows ISP
of the Flash.
The programming does not require 12V external programming voltage. The necessary
high programming voltage is generated on-chip using the standard VCC pins of the
microcontroller.
Features
Flash EEPROM internal program memory.
Boot vector allows user-provided Flash loader code to reside anywhere in the Flash
memory space. This configuration provides flexibility to the user.
Default loader in Boot EEPROM allows programming via the serial port without the
need of a user provided loader.
Up to 64K bytes external program memory if the internal program memory is
disabled (EA = 0).
Programming and erase voltage with standard power supply.
Read/Program/Erase:
Byte-wise read (without wait state).
Byte or page erase and programming (10 ms).
Typical programming time (32 Kbytes) in 4.5 sec.
Parallel programming with 87C51 compatible hardware interface to programmer.
Programmable security for the code in the Flash.
100K write cycles for code memory
1K write cycles for configuration bits (BLJB, X2, OSCON1, OSCON0)
10 years data retention
Flash Programming and
Erasure
The 16/32 Kbytes Flash is programmed by bytes or by pages of 128 bytes. It is not nec-
essary to erase a byte or a page before programming. The programming of a byte or a
page includes a self erase before programming.
There are three methods of programming the Flash memory:
1. The on-chip ISP bootloader may be invoked which will use low level routines to
program the pages. The interface used for serial downloading of Flash is the
USB.
2. The Flash may be programmed or erased in the end-user application by calling
low-level routines through a common entry point in the Boot Flash.
3. The Flash may be programmed using the parallel method.
The bootloader and the Application Programming Interface (API) routines are located in
the Flash Bootloader.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com