Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C5131A-RDTIM Datasheet(PDF) 120 Page - ATMEL Corporation

Part # AT89C5131A-RDTIM
Description  8-bit Flash Microcontroller with Full Speed USB Device
PDF  186 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C5131A-RDTIM Datasheet(HTML) 120 Page - ATMEL Corporation

Back Button AT89C5131A-RDTIM Datasheet HTML 116Page - ATMEL Corporation AT89C5131A-RDTIM Datasheet HTML 117Page - ATMEL Corporation AT89C5131A-RDTIM Datasheet HTML 118Page - ATMEL Corporation AT89C5131A-RDTIM Datasheet HTML 119Page - ATMEL Corporation AT89C5131A-RDTIM Datasheet HTML 120Page - ATMEL Corporation AT89C5131A-RDTIM Datasheet HTML 121Page - ATMEL Corporation AT89C5131A-RDTIM Datasheet HTML 122Page - ATMEL Corporation AT89C5131A-RDTIM Datasheet HTML 123Page - ATMEL Corporation AT89C5131A-RDTIM Datasheet HTML 124Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 120 / 186 page
background image
120
AT89C5130A/31A-M
4337G–USB–11/06
Configuration
General Configuration
•
USB controller enable
Before any USB transaction, the 48 MHz required by the USB controller must be
correctly generated (See “Clock Controller” on page 14.).
The USB controller will be then enabled by setting the EUSB bit in the USBCON
register.
•
Set address
After a Reset or a USB reset, the software has to set the FEN (Function Enable) bit
in the USBADDR register. This action will allow the USB controller to answer to the
requests sent at the address 0.
When a SET_ADDRESS request has been received, the USB controller must only
answer to the address defined by the request. The new address will be stored in the
USBADDR register. The FEN bit and the FADDEN bit in the USBCON register will
be set to allow the USB controller to answer only to requests sent at the new
address.
•
Set configuration
T he C O N F G bit in the U SBCON r e g i ster ha s t o be set a fte r a
SET_CONFIGURATION request with a non-zero value. Otherwise, this bit has to be
cleared.
Endpoint Configuration
•
Selection of an Endpoint
The endpoint register access is performed using the UEPNUM register. The
registers
–
UEPSTAX
–
UEPCONX
–UEPDATX
–UBYCTLX
–
UBYCTHX
These registers correspond to the endpoint whose number is stored in the UEP-
NUM register. To select an Endpoint, the firmware has to write the endpoint number
in the UEPNUM register.
Figure 60.
Endpoint Selection
UEPNUM
Endpoint 0
Endpoint 6
UEPSTA0
UEPCON0
UEPDAT0
UEPSTA6
UEPCON6
UEPDAT6
0
1
2
3
4
5
6
SFR registers
UEPSTAX
UEPCONX
UEPDATX
X
UBYCTH0
UBYCTL0
UBYCTH6
UBYCTL6
UBYCTHX
UBYCTLX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com