Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C5131A-RDTIM Datasheet(PDF) 137 Page - ATMEL Corporation

Part # AT89C5131A-RDTIM
Description  8-bit Flash Microcontroller with Full Speed USB Device
PDF  186 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C5131A-RDTIM Datasheet(HTML) 137 Page - ATMEL Corporation

Back Button AT89C5131A-RDTIM Datasheet HTML 133Page - ATMEL Corporation AT89C5131A-RDTIM Datasheet HTML 134Page - ATMEL Corporation AT89C5131A-RDTIM Datasheet HTML 135Page - ATMEL Corporation AT89C5131A-RDTIM Datasheet HTML 136Page - ATMEL Corporation AT89C5131A-RDTIM Datasheet HTML 137Page - ATMEL Corporation AT89C5131A-RDTIM Datasheet HTML 138Page - ATMEL Corporation AT89C5131A-RDTIM Datasheet HTML 139Page - ATMEL Corporation AT89C5131A-RDTIM Datasheet HTML 140Page - ATMEL Corporation AT89C5131A-RDTIM Datasheet HTML 141Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 137 / 186 page
background image
137
AT89C5130A/31A-M
4337G–USB–11/06
USB Registers
Table 92.
USBCON Register
USBCON (S:BCh)
USB Global Control Register
Reset Value = 00h
765
43210
USBE
SUSPCLK
SDRMWUP
DETACH
UPRSM
RMWUPE
CONFG
FADDEN
Bit Number
Bit Mnemonic
Description
7USBE
USB Enable
Set this bit to enable the USB controller.
Clear this bit to disable and reset the USB controller, to disable the USB
transceiver an to disable the USB controller clock inputs.
6SUSPCLK
Suspend USB Clock
Set this bit to disable the 48 MHz clock input (Resume Detection is still
active).
Clear this bit to enable the 48 MHz clock input.
5
SDRMWUP
Send Remote Wake Up
Set this bit to force an external interrupt on the USB controller for Remote
Wake UP purpose.
An upstream resume is send only if the bit RMWUPE is set, all USB clocks
are enabled AND the USB bus was in SUSPEND state for at least 5 ms.
See UPRSM below.
This bit is cleared by software.
4
DETACH
Detach Command
Set this bit to simulate a Detach on the USB line. The VREF pin is then in a
floating state.
Clear this bit to maintain VREF at high level.
3UPRSM
Upstream Resume (read only)
This bit is set by hardware when SDRMWUP has been set and if RMWUPE
is enabled.
This bit is cleared by hardware after the upstream resume has been sent.
2RMWUPE
Remote Wake-Up Enable
Set this bit to enabled request an upstream resume signaling to the host.
Clear this bit otherwise.
Note: Do not set this bit if the host has not set the
DEVICE_REMOTE_WAKEUP feature for the device.
1CONFG
Configured
This bit will be set by the device firmware after a SET_CONFIGURATION
request with a non-zero value has been correctly processed.
It will be cleared by the device firmware when a SET_CONFIGURATION
request with a zero value is received. It is cleared by hardware on hardware
reset or when an USB reset is detected on the bus (SE0 state for at least 32
Full Speed bit times: typically 2.7
μs).
0
FADDEN
Function Address Enable
This bit will be set by the device firmware after a successful status phase of
a SET_ADDRESS transaction.
It will not be cleared afterwards by the device firmware. It is cleared by
hardware on hardware reset or when an USB reset is received (see above).
When this bit is cleared, the default function address is used (0).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com